công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS869x bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện ADS869x
Giải thích chi tiết về linh kiện  18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS869x bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button ADS869x Datasheet HTML 3Page - Texas Instruments ADS869x Datasheet HTML 4Page - Texas Instruments ADS869x Datasheet HTML 5Page - Texas Instruments ADS869x Datasheet HTML 6Page - Texas Instruments ADS869x Datasheet HTML 7Page - Texas Instruments ADS869x Datasheet HTML 8Page - Texas Instruments ADS869x Datasheet HTML 9Page - Texas Instruments ADS869x Datasheet HTML 10Page - Texas Instruments ADS869x Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 73 page
background image
7
ADS8691, ADS8695, ADS8699
www.ti.com
SBAS777 – DECEMBER 2016
Product Folder Links: ADS8691 ADS8695 ADS8699
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SAMPLING DYNAMICS
tCONV
Conversion time
ADS8691
665
ns
ADS8695
1000
ADS8699
5000
tACQ
Acquisition time
ADS8691
335
ns
ADS8695
1000
ADS8699
5000
fcycle
Maximum throughput rate
without latency
ADS8691
1000
kSPS
ADS8695
500
ADS8699
100
INTERNAL REFERENCE OUTPUT
VREFIO
On the REFIO pin
(configured as an output)
At TA = 25°C
TSSOP (PW)
4.095
4.096
4.097
V
WQFN (RUM)
4.094
4.096
4.098
dVREFIO/dTA
Internal reference temperature drift
TSSOP (PW)
4
7
ppm/°C
WQFN (RUM)
5
COUT_REFIO
Decoupling capacitor on REFIO pin
4.7
µF
VREFCAP
Reference voltage to the ADC
(on the REFCAP pin)
At TA = 25°C
4.095
4.096
4.097
V
REFCAP temperature drift
0.5
2
ppm/°C
COUT_REFCAP
Decoupling capacitor on REFCAP pin
10
μF
Turn-on time
COUT_REFCAP = 10 µF, COUT_REFIO = 10 µF
20
ms
EXTERNAL REFERENCE INPUT
VREFIO_EXT
External reference voltage on REFIO
REFIO pin configured as an input
4.046
4.096
4.146
V
AVDD COMPARATOR
VTH_HIGH
High threshold voltage
5.3
V
VTH_LOW
Low threshold voltage
4.7
V
POWER-SUPPLY REQUIREMENTS
AVDD
Analog power-supply voltage
4.75
5
5.25
V
DVDD
Digital power-supply voltage
Operating range
1.65
3.3
AVDD
Supply range for specified performance
2.7
3.3
AVDD
IAVDD_DYN
Analog supply current,
device converting at maximum
throughput
Internal
reference
ADS8691
8.2
10.5
mA
ADS8695
5.6
7.25
ADS8699
4
5
External
reference
ADS8691
7.0
8.75
ADS8695
4.4
5.5
ADS8699
2.7
3.25
IAVDD_STC
Analog supply current,
device not converting
Internal
reference
ADS8691
4.7
6.25
mA
ADS8695, ADS8699
3.5
4.7
External
reference
ADS8691
3.5
4.5
ADS8695, ADS8699
2.3
3
IAVDD_STDBY
Analog supply current,
device in STANDBY mode
Internal reference
2.8
mA
External reference
1.6
IAVDD_PD
Analog supply current,
device in PD mode
Internal reference
10
μA
External reference
10
IDVDD_DYN
Digital supply current,
maximum throughput
0.2
0.25
mA
IDVDD_STDBY
Digital supply current,
device in STANDBY mode
1
μA
IDVDD_PD
Digital supply current,
device in PD mode
1
μA


Số phần tương tự - ADS869x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8694 TI1-ADS8694 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694 TI1-ADS8694 Datasheet
2Mb / 71P
[Old version datasheet]   Dual-Channel, Low-Noise, Precision, 150-MHz, Fully Differential Amplifier
ADS8694IDBT TI1-ADS8694IDBT Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8694IDBTR TI1-ADS8694IDBTR Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8698 TI1-ADS8698 Datasheet
2Mb / 77P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Mô tả tương tự - ADS869x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8671 TI1-ADS8671 Datasheet
1Mb / 72P
[Old version datasheet]   14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
Linear Technology
DC718C LINER-DC718C_15 Datasheet
1Mb / 3P
   18 BIT DATA ACQUISITION SYSTEM
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Maxim Integrated Produc...
MAXREFDES74 MAXIM-MAXREFDES74 Datasheet
838Kb / 13P
   18-BIT PRECISION DATA ACQUISITION SYSTEM
logo
Linear Technology
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
LTC2386-18 LINER-LTC2386-18 Datasheet
1Mb / 22P
   18-Bit, 10Msps SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com