công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8584SIPMR bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8584SIPMR
Giải thích chi tiết về linh kiện  16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8584SIPMR bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADS8584SIPMR Datasheet HTML 7Page - Texas Instruments ADS8584SIPMR Datasheet HTML 8Page - Texas Instruments ADS8584SIPMR Datasheet HTML 9Page - Texas Instruments ADS8584SIPMR Datasheet HTML 10Page - Texas Instruments ADS8584SIPMR Datasheet HTML 11Page - Texas Instruments ADS8584SIPMR Datasheet HTML 12Page - Texas Instruments ADS8584SIPMR Datasheet HTML 13Page - Texas Instruments ADS8584SIPMR Datasheet HTML 14Page - Texas Instruments ADS8584SIPMR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
11
ADS8588S, ADS8586S, ADS8584S
www.ti.com
SBAS642 – DECEMBER 2016
Product Folder Links: ADS8588S ADS8586S ADS8584S
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications are at TA = –40°C to +125°C, AVDD = 4.75 V to 5.25 V; typical specifications are at TA
= 25°C; AVDD = 5 V, DVDD = 3 V, VREF = 2.5 V (internal), and fSAMPLE = 200 kSPS (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL(1)
POWER-SUPPLY REQUIREMENTS
AVDD
Analog power-supply voltage
Analog supply
4.75
5
5.25
V
A
DVDD
Digital power-supply voltage
Digital supply range
2.3
3.3
AVDD
V
A
IAVDD_DYN
Analog supply current
(operational)
For ADS8588S, AVDD = 5 V,
fS = 200 kSPS,
internal reference
17.7
24.0
mA
A
For ADS8588S, AVDD = 5 V,
fS = 200 kSPS,
external reference
17.1
24.0
A
IAVDD_STC
Analog supply current
(static)
For ADS8588S, AVDD = 5 V,
internal reference,
device not converting
12.4
17.0
mA
A
For ADS8588S, AVDD = 5 V,
external reference,
device not converting
12.0
17.0
A
IAVDD_STDBY
AVDD supply
STANDBY current
At AVDD = 5 V, device in STDBY
mode,
internal reference
4.2
5.5
mA
A
At AVDD = 5 V, device in STDBY
mode,
external reference
3.8
5.5
A
IAVDD_PWR_ DN
AVDD supply
power-down current
At AVDD = 5 V, device in
PWR_DN, internal or
external reference,
TA = –40°C to +85°C
0.2
6
µA
A
IDVDD_DYN
Digital supply current
For ADS8588S,
DVDD = 3.3 V,
fS = 200 kSPS
0.15
0.3
mA
A
IDVDD_STDBY
DVDD supply STANDBY current
At AVDD = 5 V, device in STDBY
mode
0.05
1.5
µA
A
IDVDD_PWR-DN
DVDD supply power-down current
At AVDD = 5 V, device in
PWR_DN mode
0.05
1.5
µA
A
DIGITAL INPUTS (CMOS)
VIH
Digital high input voltage logic level
DVDD > 2.3 V
0.7 × DVDD
DVDD + 0.3
V
A
VIL
Digital low input voltage logic level
DVDD > 2.3 V
–0.3
0.3 × DVDD
V
A
Input leakage current
100
nA
A
Input pin capacitance
5
pF
A
DIGITAL OUTPUTS (CMOS)
VOH
Digital high output voltage logic level
IO = 100-μA source
0.8 × DVDD
DVDD
V
A
VOL
Digital low output voltage logic level
IO = 100-μA sink
0
0.2 × DVDD
V
A
Floating state leakage current
Only for SDO
1
µA
A
Internal pin capacitance
5
pF
A
TEMPERATURE RANGE
TA
Operating free-air temperature
–40
125
°C
A


Số phần tương tự - ADS8584SIPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPM TI1-ADS8588HIPM Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPMR TI1-ADS8588HIPMR Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Mô tả tương tự - ADS8584SIPMR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com