công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS867x bảng dữ liệu(PDF) 9 Page - Texas Instruments

tên linh kiện ADS867x
Giải thích chi tiết về linh kiện  14-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS867x bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button ADS867x Datasheet HTML 5Page - Texas Instruments ADS867x Datasheet HTML 6Page - Texas Instruments ADS867x Datasheet HTML 7Page - Texas Instruments ADS867x Datasheet HTML 8Page - Texas Instruments ADS867x Datasheet HTML 9Page - Texas Instruments ADS867x Datasheet HTML 10Page - Texas Instruments ADS867x Datasheet HTML 11Page - Texas Instruments ADS867x Datasheet HTML 12Page - Texas Instruments ADS867x Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
9
ADS8671, ADS8675
www.ti.com
SBAS779 – DECEMBER 2016
Product Folder Links: ADS8671 ADS8675
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
6.6 Timing Requirements: Conversion Cycle
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
fcycle
Sampling frequency
ADS8671
1000
kSPS
ADS8675
500
tcycle
ADC cycle time period
1/fcycle
tacq
Acquisition time
ADS8671
335
ns
ADS8675
1000
TIMING SPECIFICATIONS
tconv
Conversion time
ADS8671
665
ns
ADS8675
1000
6.7 Timing Requirements: Asynchronous Reset
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
twl_RST
Pulse duration: RST high
100
ns
TIMING SPECIFICATIONS
tD_RST_POR
Delay time for POR reset: RST rising to RVS rising
20
ms
tD_RST_APP
Delay time for application reset: RST rising to CONVST/CS rising
1
µs
tNAP_WKUP
Wake-up time: NAP mode
20
µs
tPWRUP
Power-up time: PD mode
20
ms
6.8 Timing Requirements: SPI-Compatible Serial Interface
all minimum and maximum specifications are at TA = –40°C to +125°C; typical specifications are at TA = 25°C; AVDD = 5 V,
DVDD = 3.3 V, VREF = 4.096 V (internal), and maximum throughput (unless otherwise noted)
MIN
TYP
MAX
UNIT
TIMING REQUIREMENTS
fCLK
Serial clock frequency
66.67
MHz
tCLK
Serial clock time period
1/fCLK
tPH_CK
SCLK high time
0.45
0.55
tCLK
tPL_CK
SCLK low time
0.45
0.55
tCLK
tSU_CSCK
Setup time: CONVST/CS falling to first SCLK capture edge
7.5
ns
tSU_CKDI
Setup time: SDI data valid to SCLK capture edge
7.5
ns
tHT_CKDI
Hold time: SCLK capture edge to (previous) data valid on SDI
7.5
ns
tHT_CKCS
Delay time: last SCLK capture edge to CONVST/CS rising
7.5
ns
TIMING SPECIFICATIONS
tDEN_CSDO
Delay time: CONVST/CS falling edge to data enable
9.5
ns
tDZ_CSDO
Delay time: CONVST/CS rising to SDO-x going to 3-state
10
ns
tD_CKDO
Delay time: SCLK launch edge to (next) data valid on SDO-x
12
ns
tD_CSRVS
Delay time: CONVST/CS rising edge to RVS falling
14
ns


Số phần tương tự - ADS867x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8674 TI1-ADS8674 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBT TI1-ADS8674IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8674IDBTR TI1-ADS8674IDBTR Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678 TI1-ADS8678 Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
ADS8678IDBT TI1-ADS8678IDBT Datasheet
3Mb / 79P
[Old version datasheet]   4- and 8-Channel, Single-Supply, SAR ADCs
More results

Mô tả tương tự - ADS867x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8691 TI1-ADS8691 Datasheet
1Mb / 73P
[Old version datasheet]   18-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8661 TI1-ADS8661 Datasheet
1Mb / 71P
[Old version datasheet]   12-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681_16 Datasheet
1Mb / 74P
[Old version datasheet]   16-Bit, High-Speed, Single-Supply, SAR ADC Data Acquisition System with Programmable, Bipolar Input Ranges
ADS8681 TI1-ADS8681 Datasheet
239Kb / 8P
[Old version datasheet]   Single-Supply, SAR ADC Data Acquisition System
ADS8688AT TI1-ADS8688AT Datasheet
3Mb / 78P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Single-Supply, SAR ADC With Bipolar Input Ranges
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Analog Devices
AD7367 AD-AD7367 Datasheet
209Kb / 16P
   True Bipolar Input, Dual 1us, 14-Bit, 2-Channel SAR ADC
Rev. PrD
AD7951 AD-AD7951 Datasheet
761Kb / 33P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
AD7951BSTZ AD-AD7951BSTZ Datasheet
518Kb / 32P
   14-Bit, 1 MSPS, Unipolar/Bipolar Programmable Input PulSAR ADC
REV. A
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com