công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS8584S bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADS8584S
Giải thích chi tiết về linh kiện  16-Bit, 200-kSPS, 8-, 6- and 4-Channel, Simultaneous-Sampling ADCs with Bipolar Inputs on a Single Supply
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADS8584S bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button ADS8584S Datasheet HTML 2Page - Texas Instruments ADS8584S Datasheet HTML 3Page - Texas Instruments ADS8584S Datasheet HTML 4Page - Texas Instruments ADS8584S Datasheet HTML 5Page - Texas Instruments ADS8584S Datasheet HTML 6Page - Texas Instruments ADS8584S Datasheet HTML 7Page - Texas Instruments ADS8584S Datasheet HTML 8Page - Texas Instruments ADS8584S Datasheet HTML 9Page - Texas Instruments ADS8584S Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
ADS8588S, ADS8586S, ADS8584S
SBAS642 – DECEMBER 2016
www.ti.com
Product Folder Links: ADS8588S ADS8586S ADS8584S
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
ADS8588S
ADS8586S
ADS8584S
AIN_1P
49
49
49
AI
Analog input channel 1: positive input
AIN_2GND
52
52
52
AI
Analog input channel 2: negative input
AIN_2P
51
51
51
AI
Analog input channel 2: positive input
AIN_3GND
54
54
AI
Analog input channel 3: negative input for the ADS8588S and ADS8586S
58
AI
Analog input channel 3: negative input for the ADS8584S
AIN_3P
53
53
AI
Analog input channel 3: positive input for the ADS8588S and ADS8586S
57
AI
Analog input channel 3: positive input for the ADS8584S
AIN_4GND
56
AI
Analog input channel 4: negative input for the ADS8588S
58
AI
Analog input channel 4: negative input for the ADS8586S
60
AI
Analog input channel 4: negative input for the ADS8584S
AIN_4P
55
AI
Analog input channel 4: positive input for the ADS8588S
57
AI
Analog input channel 4: positive input for the ADS8586S
59
AI
Analog input channel 4: positive input for the ADS8584S
AIN_5GND
58
AI
Analog input channel 5: negative input for the ADS8588S
60
AI
Analog input channel 5: negative input for the ADS8586S
AIN_5P
57
AI
Analog input channel 5: positive input for the ADS8588S
59
AI
Analog input channel 5: positive input for the ADS8586S
AIN_6GND
60
AI
Analog input channel 6: negative input for the ADS8588S
62
AI
Analog input channel 6: negative input for the ADS8586S
AIN_6P
59
AI
Analog input channel 6: positive input for the ADS8588S
61
AI
Analog input channel 6: positive input for the ADS8586S
AIN_7GND
62
AI
Analog input channel 7: negative input for the ADS8588S
AIN_7P
61
AI
Analog input channel 7: positive input for the ADS8588S
AIN_8GND
64
AI
Analog input channel 8: negative input for the ADS8588S
AIN_8P
63
AI
Analog input channel 8: positive input for the ADS8588S
AVDD
1, 37, 38,
48
1, 37, 38,
48
1, 37, 38,
48
P
Analog supply pins. Decouple these pins to the closest AGND pins
(see the Power Supply Recommendations section)
BUSY
14
14
14
DO
Active high digital output indicating ongoing conversion
(see the BUSY (Output) section)
CONVSTA
9
9
9
DI
Active high logic input to control start of conversion for first half count of device input
channels (see the CONVSTA, CONVSTB (Input) section)
CONVSTB
10
10
10
DI
Active high logic input to control start of conversion for second half count of device
input channels (see the CONVSTA, CONVSTB (Input) section)
CS
13
13
13
DI
Active low logic input chip-select signal (see the CS (Input) section)
DB0
16
16
16
DO
Data output DB0 (LSB) in parallel interface mode (see the DB[6:0] section)
DB1
17
17
17
DO
Data output DB1 in parallel interface mode (see the DB[6:0] section)
DB2
18
18
18
DO
Data output DB2 in parallel interface mode (see the DB[6:0] section)
DB3
19
19
19
DO
Data output DB3 in parallel interface mode (see the DB[6:0] section)
DB4
20
20
20
DO
Data output DB4 in parallel interface mode (see the DB[6:0] section)
DB5
21
21
21
DO
Data output DB5 in parallel interface mode (see the DB[6:0] section)
DB6
22
22
22
DO
Data output DB6 in parallel interface mode (see the DB[6:0] section)
DB7/DOUTA
24
24
24
DO
Multi-function logic output pin (see the DB7/DOUTA section):
this pin is data output DB7 in parallel and parallel byte interface mode;
this pin is a data output pin in serial interface mode.
DB8/DOUTB
25
25
25
DO
Multi-function logic output pin (see the DB8/DOUTB section):
this pin is data output DB8 in parallel interface mode;
this pin is a data output pin in serial interface mode.
DB9
27
27
27
DO
Data output DB9 in parallel interface mode (see the DB[13:9] section)
DB10
28
28
28
DO
Data output DB10 in parallel interface mode (see the DB[13:9] section)
DB11
29
29
29
DO
Data output DB11 in parallel interface mode (see the DB[13:9] section)
DB12
30
30
30
DO
Data output DB12 in parallel interface mode (see the DB[13:9] section)
DB13
31
31
31
DO
Data output DB13 in parallel interface mode (see the DB[13:9] section)


Số phần tương tự - ADS8584S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPM TI1-ADS8588HIPM Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588HIPMR TI1-ADS8588HIPMR Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
More results

Mô tả tương tự - ADS8584S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADS8598S TI1-ADS8598S Datasheet
1Mb / 63P
[Old version datasheet]   18-Bit, 200-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8588H TI1-ADS8588H Datasheet
1Mb / 61P
[Old version datasheet]   16-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
ADS8598H TI1-ADS8598H Datasheet
1Mb / 64P
[Old version datasheet]   18-Bit, 500-kSPS, 8-Channel, Simultaneous-Sampling ADC With Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11047 MAXIM-MAX11047 Datasheet
3Mb / 18P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 12/09
MAX11044 MAXIM-MAX11044 Datasheet
1Mb / 19P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 0; 10/09
MAX11044 MAXIM-MAX11044_10 Datasheet
2Mb / 20P
   4-/6-/8-Channel, 16-Bit, Simultaneous-Sampling ADCs
Rev 1; 3/10
logo
Texas Instruments
ADS8578S TI1-ADS8578S Datasheet
1Mb / 58P
[Old version datasheet]   14-Bit, High-Speed, 8-Channel, Simultaneous-Sampling ADC with Bipolar Inputs on a Single Supply
logo
Maxim Integrated Produc...
MAX11044 MAXIM-MAX11044_12 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_11 Datasheet
1Mb / 27P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
Rev 5; 1/11
MAX11044 MAXIM-MAX11044_13 Datasheet
3Mb / 28P
   4-/6-/8-Channel, 16-/14-Bit, Simultaneous-Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com