công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF80 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện ADC32RF80
Giải thích chi tiết về linh kiện  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF80 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button ADC32RF80 Datasheet HTML 4Page - Texas Instruments ADC32RF80 Datasheet HTML 5Page - Texas Instruments ADC32RF80 Datasheet HTML 6Page - Texas Instruments ADC32RF80 Datasheet HTML 7Page - Texas Instruments ADC32RF80 Datasheet HTML 8Page - Texas Instruments ADC32RF80 Datasheet HTML 9Page - Texas Instruments ADC32RF80 Datasheet HTML 10Page - Texas Instruments ADC32RF80 Datasheet HTML 11Page - Texas Instruments ADC32RF80 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
8
ADC32RF80, ADC32RF83
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
AC Performance Characteristics: fS = 2949.12 MSPS (continued)
typical values specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2949.12 MSPS, 50% clock duty cycle, DDC-bypassed
performance
(1), AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(2)
NOM
MAX
UNIT
HD3
Third-order harmonic
distortion
fIN = 100 MHz, AOUT = –2 dBFS
68.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
66.0
fIN = 1850 MHz, AOUT = –2 dBFS
61
73.0
fIN = 2100 MHz, AOUT = –2 dBFS
80.0
fIN = 2600 MHz, AOUT = –2 dBFS
72.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
65.0
HD4,
HD5
Fourth- and fifth-order
harmonic distortion
fIN = 100 MHz, AOUT = –2 dBFS
85.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
81.0
fIN = 1850 MHz, AOUT = –2 dBFS
61
84.0
fIN = 2100 MHz, AOUT = –2 dBFS
84.0
fIN = 2600 MHz, AOUT = –2 dBFS
80.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
87.0
IL spur
Interleaving spurs:
fS / 2 – fIN,
fS / 4 ± fIN
fIN = 100 MHz, AOUT = –2 dBFS
90.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
77.0
fIN = 1850 MHz, AOUT = –2 dBFS
69
79.0
fIN = 2100 MHz, AOUT = –2 dBFS
76.0
fIN = 2600 MHz, AOUT = –2 dBFS
77.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
77.0
HD2 IL
Interleaving spur for HD2:
fS / 2 – HD2
fIN = 100 MHz, AOUT = –2 dBFS
84.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
82.0
fIN = 1850 MHz, AOUT = –2 dBFS
62
80.0
fIN = 2100 MHz, AOUT = –2 dBFS
76.0
fIN = 2600 MHz, AOUT = –2 dBFS
65.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
77.0
Worst
spur
Spurious-free dynamic
range (excluding HD2, HD3,
HD4, HD5, and interleaving
spurs IL and HD2 IL)
fIN = 100 MHz, AOUT = –2 dBFS
80.0
dBc
fIN = 900 MHz, AOUT = –2 dBFS
76.0
fIN = 1850 MHz, AOUT = –2 dBFS
64
76.0
fIN = 2100 MHz, AOUT = –2 dBFS
75.0
fIN = 2600 MHz, AOUT = –2 dBFS
75.0
fIN = 3500 MHz, AOUT
(3) = –3 dBFS with 2-dB gain
71.0
IMD3
Two-tone, third-order
intermodulation distortion
fIN1 = 1770 MHz, fIN2 = 1790 MHz,
AOUT = –8 dBFS (each tone)
70
dBFS
fIN1 = 1800 MHz, fIN2 = 2600 MHz,
AOUT = –8 dBFS (each tone)
73
fIN1 = 3490 MHz, fIN2 = 3510 MHz,
AOUT = –8 dBFS (each tone) with 2-dB gain
67


Số phần tương tự - ADC32RF80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32RF80 TI1-ADC32RF80 Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80 TI-ADC32RF80 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRMPR TI1-ADC32RF80IRMPR Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
ADC32RF80IRMPR TI-ADC32RF80IRMPR Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC32RF80IRMPT TI1-ADC32RF80IRMPT Datasheet
434Kb / 8P
[Old version datasheet]   ADC32RF80 Dual-Channel
More results

Mô tả tương tự - ADC32RF80

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com