công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC32RF8x bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện ADC32RF8x
Giải thích chi tiết về linh kiện  Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC32RF8x bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button ADC32RF8x Datasheet HTML 7Page - Texas Instruments ADC32RF8x Datasheet HTML 8Page - Texas Instruments ADC32RF8x Datasheet HTML 9Page - Texas Instruments ADC32RF8x Datasheet HTML 10Page - Texas Instruments ADC32RF8x Datasheet HTML 11Page - Texas Instruments ADC32RF8x Datasheet HTML 12Page - Texas Instruments ADC32RF8x Datasheet HTML 13Page - Texas Instruments ADC32RF8x Datasheet HTML 14Page - Texas Instruments ADC32RF8x Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 136 page
background image
11
ADC32RF80, ADC32RF83
www.ti.com
SBAS774A – MAY 2016 – REVISED DECEMBER 2016
Product Folder Links: ADC32RF80 ADC32RF83
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Overall latency = latency + tPD.
(2)
Latency increases when the DDC modes are used; see Table 5.
(3)
For latency in different DDC options, see .
(4)
Common-mode voltage for the SYSREF input is kept at 1.2 V.
6.10 Timing Requirements
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and chip sampling rate = 2949.12 MSPS, 50% clock duty cycle, DDC-bypassed
performance, AVDD19 = 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless
otherwise noted)
MIN
NOM
MAX
UNIT
SAMPLE TIMING
Aperture delay
250
750
ps
Aperture delay matching between two channels on the same device
±15
ps
Aperture delay matching between two devices at the same
temperature and supply voltage
±150
ps
Aperture jitter, clock amplitude = 2 VPP
90
fS
Latency
(1) (2)
Data latency, ADC sample to
digital output
DDC block bypassed(3), LMFS = 8224
424
Input
clock
cycles
Fast overrange latency, ADC sample to FOVR indication on GPIO pins
70
tPD
Propagation delay time: logic gates and output buffer delay
(does not change with fS)
6
ns
SYSREF TIMING(4)
tSU_SYSREF SYSREF setup time: referenced to clock rising edge, 2949.12 MSPS
140
70
ps
tH_SYSREF
SYSREF hold time: referenced to clock rising edge, 2949.12 MSPS
50
20
ps
Valid transition window sampling period: tSU_SYSREF – tH_SYSREF, 2949.12 MSPS
143
ps
JESD OUTPUT INTERFACE TIMING
UI
Unit interval: 12.5 Gbps
80
100
400
ps
Serial output data rate
2.5
10.0
12.5
Gbps
Rise, fall times: 1-pF, single-ended load capacitance to ground
60
ps
Total jitter: BER of 1E-15 and lane rate = 12.5 Gbps
25
%UI
Random jitter: BER of 1E-15 and lane rate = 12.5 Gbps
0.99
%UI, rms
Deterministic jitter: BER of 1E-15 and lane rate = 12.5 Gbps
9.1
%UI, pk-
pk


Số phần tương tự - ADC32RF8x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32RF8X TI-ADC32RF8X Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
More results

Mô tả tương tự - ADC32RF8x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
ADC32RF80 TI-ADC32RF80_V01 Datasheet
8Mb / 138P
[Old version datasheet]   ADC32RF8x Dual-Channel, 3-GSPS Telecom Receiver and Feedback Devices
ADC31RF80 TI1-ADC31RF80 Datasheet
8Mb / 136P
[Old version datasheet]   3-GSPS Telecom Receiver and Feedback Device
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS58J64 TI1-ADS58J64 Datasheet
7Mb / 81P
[Old version datasheet]   Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS58J64 TI1-ADS58J64_V01 Datasheet
8Mb / 84P
[Old version datasheet]   ADS58J64 Quad-Channel, 14-Bit, 1-GSPS Telecom Receiver Device
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com