công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14175BDR2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC14175BDR2G
Giải thích chi tiết về linh kiện  Quad Type D Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14175BDR2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC14175BDR2G Datasheet HTML 1Page - ON Semiconductor MC14175BDR2G Datasheet HTML 2Page - ON Semiconductor MC14175BDR2G Datasheet HTML 3Page - ON Semiconductor MC14175BDR2G Datasheet HTML 4Page - ON Semiconductor MC14175BDR2G Datasheet HTML 5Page - ON Semiconductor MC14175BDR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 9
1
Publication Order Number:
MC14175B/D
MC14175B
Quad Type D Flip-Flop
The MC14175B quad type D flip−flop is constructed with MOS
P−channel and N−channel enhancement mode devices in a single
monolithic structure. Each of the four flip−flops is positive−edge
triggered by a common clock input (C). An active−low reset input (R)
asynchronously resets all flip−flops. Each flip−flop has independent
Data (D) inputs and complementary outputs (Q and Q). These devices
may be used as shift register elements or as type T flip−flops for
counter and toggle applications.
Features
Complementary Outputs
Static Operation
All Inputs and Outputs Buffered
Diode Protection on All Inputs
Supply Voltage Range = 3.0 Vdc to 18 Vdc
Output Compatible with Two Low−Power TTL Loads or One
Low−Power Schottky TTL Load
Functional Equivalent to TTL 74175
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable*
MAXIMUM RATINGS (Voltages Referenced to VSS)
Parameter
Symbol
Value
Unit
DC Supply Voltage Range
VDD
− 0.5 to +18.0
V
Input or Output Voltage Range
(DC or Transient)
Vin, Vout
− 0.5 to VDD
+ 0.5
V
Input or Output Current (DC or Transient)
per Pin
Iin, Iout
±10
mA
Power Dissipation per Package (Note 1)
PD
500
mW
Ambient Temperature Range
TA
− 55 to +125
°C
Storage Temperature Range
− 65 to +150
°C
Lead Temperature (8−Second Soldering)
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Temperature Derating: “D/DW” Packages: –7.0 mW/
_C From 65_C To 125_C
This device contains protection circuitry to guard against damage due to high
static voltages or electric fields. However, precautions must be taken to avoid
applications of any voltage higher than maximum rated voltages to this
high−impedance circuit. For proper operation, Vin and Vout should be constrained
to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level
(e.g., either VSS or VDD). Unused outputs must be left open.
Device
Package
Shipping
ORDERING INFORMATION
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MC14175BFELG
SOEIAJ−16
(Pb−Free)
2000/Tape & Reel
MC14175BDR2G
SOIC−16
(Pb−Free)
2500/Tape & Reel
MC14175BDG
SOIC−16
(Pb−Free)
48 Units/Rail
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
MARKING DIAGRAMS
SOIC−16
1
16
14175BG
AWLYWW
SOEIAJ−16
1
16
MC14175B
ALYWG
NLV14175BDR2G*
SOIC−16
(Pb−Free)
2500/Tape & Reel
SOIC−16
D SUFFIX
CASE 751B
SOEIAJ−16
F SUFFIX
CASE 966
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
D2
D3
Q3
VDD
C
Q2
Q2
D0
Q0
Q0
R
VSS
Q1
Q1
D1
Q3
PIN ASSIGNMENT


Số phần tương tự - MC14175BDR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC14175BDR2G ONSEMI-MC14175BDR2G Datasheet
123Kb / 6P
   Quad Type D Flip?묯lop
June, 2006 ??Rev. 6
MC14175BDR2G ONSEMI-MC14175BDR2G Datasheet
149Kb / 6P
   Quad Type D Flip-Flop
June, 2011 ??Rev. 7
More results

Mô tả tương tự - MC14175BDR2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
74VHC175 FAIRCHILD-74VHC175 Datasheet
71Kb / 7P
   Quad D-Type Flip-Flop
logo
Renesas Technology Corp
HD74AC175 RENESAS-HD74AC175 Datasheet
211Kb / 8P
   Quad D-Type Flip-Flop
logo
Fairchild Semiconductor
74F175 FAIRCHILD-74F175 Datasheet
80Kb / 7P
   Quad D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
MM74C175 FAIRCHILD-MM74C175 Datasheet
55Kb / 6P
   Quad D-Type Flip-Flop
logo
Nexperia B.V. All right...
HEF40175B NEXPERIA-HEF40175B Datasheet
238Kb / 13P
   Quad D-type flip-flop
Rev. 10 - 29 November 2021
logo
ON Semiconductor
MC14175B ONSEMI-MC14175B Datasheet
96Kb / 8P
   Quad Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Fairchild Semiconductor
74AC175 FAIRCHILD-74AC175 Datasheet
99Kb / 9P
   Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD74AC175 HITACHI-HD74AC175 Datasheet
59Kb / 10P
   Quad D-Type Flip-Flop
logo
ON Semiconductor
74VHC175 ONSEMI-74VHC175 Datasheet
338Kb / 11P
   Quad D-Type Flip-Flop
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com