công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVXT4051DTG bảng dữ liệu(PDF) 11 Page - ON Semiconductor

tên linh kiện MC74LVXT4051DTG
Giải thích chi tiết về linh kiện  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051DTG bảng dữ liệu(HTML) 11 Page - ON Semiconductor

Back Button MC74LVXT4051DTG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 9Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 10Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 11Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 12Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 13Page - ON Semiconductor MC74LVXT4051DTG Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MC74LVXT4051
http://onsemi.com
11
APPLICATIONS INFORMATION
The Channel Select and Enable control pins should be at
VCC or GND logic levels. VCC being recognized as a logic
high and GND being recognized as a logic low. In this
example:
VCC =
)5 V = logic high
GND = 0 V = logic low
The maximum analog voltage swing is determined by the
supply voltages VCC and VEE. The positive peak analog
voltage should not exceed VCC. Similarly, the negative peak
analog voltage should not go below VEE. In this example,
the difference between VCC and VEE is five volts. Therefore,
using the configuration of Figure 20, a maximum analog
signal of five volts peak−to−peak can be controlled. Unused
analog inputs/outputs may be left floating (i.e., not
connected). However, tying unused analog inputs and
outputs to VCC or GND through a low value resistor helps
minimize crosstalk and feedthrough noise that may be
picked up by an unused switch.
Although used here, balanced supplies are not a
requirement. The only constraints on the power supplies are
that:
VEE − GND = 0 to
*6 volts
VCC − GND = 2.5 to 6 volts
VCC − VEE = 2.5 to 6 volts
and VEE
v GND
When voltage transients above VCC and/or below VEE are
anticipated on the analog channels, external Germanium or
Schottky diodes (Dx) are recommended as shown in
Figure 21. These diodes should be able to absorb the
maximum anticipated current surges during clipping.
ANALOG
SIGNAL
Figure 19. Application Example
ON
6
7
8
16
ANALOG
SIGNAL
)3.0 V
*3.0 V
11
10
9
TO EXTERNAL CMOS
CIRCUITRY 0 to 3.0 V
DIGITAL SIGNALS
Figure 20. Application Example
ANALOG
SIGNAL
ON
6
7
8
16
)5 V
ANALOG
SIGNAL
)5 V
GND
)5 V
GND
11
10
9
TO EXTERNAL CMOS
CIRCUITRY 0 to 5 V
DIGITAL SIGNALS
ON/OFF
7
8
16
VCC
VEE
Dx
VCC
Dx
VEE
Dx
VCC
Dx
VEE
Figure 21. External Germanium or Schottky Clipping Diodes
*3.0 V
)3.0 V
*3.0 V
)3.0 V


Số phần tương tự - MC74LVXT4051DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT4051DTG ONSEMI-MC74LVXT4051DTG Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
More results

Mô tả tương tự - MC74LVXT4051DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com