công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
7-1106006-9 bảng dữ liệu(PDF) 8 Page - Tyco Electronics |
|
7-1106006-9 bảng dữ liệu(HTML) 8 Page - Tyco Electronics |
8 / 43 page 85 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-5200 Series (Continued) AMP Dynamic Series Connectors Application Tooling (Continued) Mounting Hardware AMP-O-LECTRIC Model G Terminating Machine The Model "G" Terminator is the most advanced design in the long-standing series of AMP-O-LECTRIC machines for terminating wire using reeled terminals and contacts. It features a reliable direct motor drive system. Its modular construction enables it to be used either as a bench-top unit, or in combination with fully-automatic lead-making equipment. For operator convenience, access to and lighting in the target area has been improved and the Crimp Quality Monitor (CQM) has been moved to eye level for bench-top use. The Model "G" is also quieter, plus improved guarding meets applicable European and domestic safety requirements. • Quieter • Improved guarding and lighting • Toolless changeover of applicators • Precision manual- or auto-adjust for crimp height • Total and batch counter • Accepts all existing Tyco Electronics miniature applicators, with minor modifications • Reduced maintenance requirements • Request Catalog 65828 for specifications and part numbers Hand Tool The crimping section incorporates Straight Action construction for improved reliability as with automachine. Part No.: See the preceding page. Minimum order quantity: 1 Mini-Applicator Part Number: Contact Technical Support. Minimum order quantity: 1 Attachment Sequential Clip Part Number: 179993-1 AMP-3K/40 and AMP-5K/40 Terminating Machines The AMP-3K/40 and AMP-5K/40 Terminators are designed for customers that require the increased output and quality of a semi- automatic machine at a competitive price. By incorporating the most commonly requested features as standard and offering a long list of optional equipment, these terminators offer flexibility to meet the specific needs of various applications at the lowest possible cost. • 3,000 lb. [1361 kg] max. crimp force (AMP-3K/40) 5,000 lb. [2268 kg] max. crimp force (AMP-5K/40) • Toolless removal of applicators and guards • Jog capability • Quiet, fast operation — 80/76 dBA and cycle time less than 0.400 seconds • Accepts Heavy Duty Mini style applicators • Wide range of optional equipment such as toolless precision crimp height adjust, batch counter, CQM capability and work light • Order Catalog 1654856 for specifications and part numbers Mini-Applicator Part Number: Contact Technical Support Minimum order quantity: 1 |
Số phần tương tự - 7-1106006-9 |
|
Mô tả tương tự - 7-1106006-9 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |