công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2-1102771-5 bảng dữ liệu(PDF) 6 Page - Tyco Electronics |
|
2-1102771-5 bảng dữ liệu(HTML) 6 Page - Tyco Electronics |
6 / 43 page 83 Catalog 1242132 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 5-07 unless otherwise specified. reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 D-5200 Series (Continued) AMP Dynamic Series Connectors -55°~+105°C Current Rating Voltage Rating Performance Characteristics and Specifications (Continued) Technical Documents Specifications and Instruction Sheets Product Specification Test Report Application Specification Extraction Tool (Part Number 409158-1) Instruction Sheet Crimping Tool P/N : 234170-1 Crimping Tool P/N : 234171-1 Crimping Tool P/N: 1366656-1 Crimping Tool P/N: 1366044-1 Hand Tool Instruction Sheets 108-5453 501-5188 114-5206 411-5712 411-5713 411-5969 411-5976 411-5774 *Don't fail to obtain Instruction Sheets and other appropriate papers when you adopt our products. Safety Specifications The following safety specifications are applicable to specific Part Numbers. Contact Technical Support to check if approval is given for each Part Number you are using. Note that there are instances where values differ from those given in Tyco Electronics Performance Data. D-5200 Series (400 mil, 10.16mm pitch) D-5200Mα Series Voltage Rating 630V AC See preceding page Determined by requirements of equipment in use. Determined by requirements of equipment in use. — 600V AC AWG 16 14 12 10 AWG 16 14 12 10 A 13 18 25 30 A 15 20 25 30 — -30°~+105°C 600V AC Temperature Rating -55°~+105°C — — -30°~+105°C Temperature Rating Specification 108-5453 UL File No. E28476 (Recognized Component) CSA Report No. LR7189 TÜV License No. R9650368 IP Protection IP-10 Overvoltage Classification (II) Number of repeated insertions and withdrawals allowed: 50 times. — See preceding page — Determined by requirements of equipment in use. — — 4 12.5 16 19.5 24 31 37.5 46 AWG 20 18 16 14 12 10 8 1~3 12.5 17.5 21 26 33 40 48 — Current Rating Pos. |
Số phần tương tự - 2-1102771-5 |
|
Mô tả tương tự - 2-1102771-5 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |