công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74VHC1GU04DFT1G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện M74VHC1GU04DFT1G
Giải thích chi tiết về linh kiện  Single Unbuffered Inverter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GU04DFT1G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  M74VHC1GU04DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GU04DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC1GU04
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
*0.5 to VCC )0.5
V
IIK
DC Input Diode Current
−20
mA
IOK
DC Output Diode Current
$20
mA
IOUT
DC Output Sink Current
$12.5
mA
ICC
DC Supply Current per Supply Pin
$25
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SC70−5/SC−88A (Note 1)
TSOP−5
350
230
°C/W
PD
Power Dissipation in Still Air at 85
°C
SC70−5/SC−88A
TSOP−5
150
200
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
2000
200
N/A
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 5)
$100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0.0
5.5
V
VOUT
DC Output Voltage
0.0
VCC
V
TA
Operating Temperature Range
*55
)125
°C
tr , tf
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Device Junction Temperature versus
Time to 0.1% Bond Failures
Junction
Temperature
5C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
TIME, YEARS
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature


Số phần tương tự - M74VHC1GU04DFT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
M74VHC1GU04DFT1G ONSEMI-M74VHC1GU04DFT1G Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
M74VHC1GU04DFT1G ONSEMI-M74VHC1GU04DFT1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
M74VHC1GU04DFT1G ONSEMI-M74VHC1GU04DFT1G Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
M74VHC1GU04DFT1G-L22038 ONSEMI-M74VHC1GU04DFT1G-L22038 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results

Mô tả tương tự - M74VHC1GU04DFT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_07 Datasheet
78Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
MC74VHC1GU04DF1G ONSEMI-MC74VHC1GU04DF1G Datasheet
72Kb / 6P
   Single Unbuffered Inverter
February, 2007 ??Rev. 16
NL17SZU04 ONSEMI-NL17SZU04_V01 Datasheet
157Kb / 13P
   Single Unbuffered Inverter
June, 2022 - Rev. 12
logo
Nexperia B.V. All right...
74HC1GU04_Q100 NEXPERIA-74HC1GU04_Q100 Datasheet
244Kb / 13P
   Single unbuffered inverter
Rev. 3 - 4 February 2022
logo
ON Semiconductor
MC74HC1GU04 ONSEMI-MC74HC1GU04 Datasheet
65Kb / 6P
   Single Unbuffered Inverter
January, 2005 ??Rev. 8
NLVVHC1GU04 ONSEMI-NLVVHC1GU04 Datasheet
71Kb / 5P
   Single Unbuffered Inverter
November, 2015 ??Rev. 0
logo
Nexperia B.V. All right...
74HC1GU04 NEXPERIA-74HC1GU04 Datasheet
246Kb / 13P
   Single unbuffered inverter
Rev. 7 - 4 February 2022
logo
ON Semiconductor
NLU1GU04 ONSEMI-NLU1GU04 Datasheet
98Kb / 8P
   Single Unbuffered Inverter
March, 2008 - Rev. 1
MC74HC1GU04 ONSEMI-MC74HC1GU04_11 Datasheet
115Kb / 6P
   Single Unbuffered Inverter
May, 2011 ??Rev. 9
logo
Nexperia B.V. All right...
74HC1GU04-Q100 NEXPERIA-74HC1GU04-Q100 Datasheet
234Kb / 13P
   Single unbuffered inverter
logo
ON Semiconductor
MC74VHC1GU04 ONSEMI-MC74VHC1GU04_V01 Datasheet
170Kb / 16P
   Single Unbuffered Inverter
April, 2022 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com