công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74VHC1GT14DFT2G bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện M74VHC1GT14DFT2G
Giải thích chi tiết về linh kiện  Schmitt-Trigger Inverter / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT14DFT2G bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  M74VHC1GT14DFT2G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT14DFT2G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT14DFT2G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT14DFT2G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT14DFT2G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT14DFT2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
March, 2015 − Rev. 14
1
Publication Order Number:
MC74VHC1GT14/D
MC74VHC1GT14
Schmitt-Trigger Inverter /
CMOS Logic Level Shifter
LSTTL−Compatible Inputs
The MC74VHC1GT14 is a single gate CMOS Schmitt−trigger
inverter fabricated with silicon gate CMOS technology. It achieves
high speed operation similar to equivalent Bipolar Schottky TTL
while maintaining CMOS low power dissipation.
The internal circuit is composed of three stages, including a buffer
output which provides high noise immunity and stable output.
The device input is compatible with TTL−type input thresholds and
the output has a full 5 V CMOS level output swing. The input protection
circuitry on this device allows overvoltage tolerance on the input,
allowing the device to be used as a logic−level translator from 3 V
CMOS logic to 5 V CMOS Logic or from 1.8 V CMOS logic to 3 V
CMOS Logic while operating at the high−voltage power supply.
The MC74VHC1GT14 input structure provides protection when
voltages up to 7 V are applied, regardless of the supply voltage. This
allows the MC74VHC1GT14 to be used to interface 5 V circuits to 3 V
circuits. The output structures also provide protection when VCC = 0 V.
These input and output structures help prevent device destruction
caused by supply voltage − input/output voltage mismatch, battery
backup, hot insertion, etc. The MC74VHC1GT14 can be used to
enhance noise immunity or to square up slowly changing waveforms.
Features
High Speed: tPD = 4.5 ns (Typ) at VCC = 5 V
Low Power Dissipation: ICC = 1 mA (Max) at TA = 25°C
TTL−Compatible Inputs: VIL = 0.8 V; VIH = 2 V
CMOS−Compatible Outputs: VOH > 0.8 VCC; VOL < 0.1 VCC @Load
Power Down Protection Provided on Inputs and Outputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 100; Equivalent Gates = 25
These Devices are Pb−Free and are RoHS Compliant
VCC
NC
IN A
OUT Y
GND
IN A
OUT Y
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
1
2
3
4
5
1
PIN ASSIGNMENT
1
2
3
GND
NC
IN A
4
5VCC
OUT Y
FUNCTION TABLE
MARKING
DIAGRAMS
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
L
H
A Input
Y Output
H
L
www.onsemi.com
SC−88A / SC70−5 / SOT−353
DF SUFFIX
CASE 419A
TSOP−5 / SOT23−5 / SC59−5
DT SUFFIX
CASE 483
1
5
1
5
VC M
G
G
VC
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or position may vary
depending upon manufacturing location.
1
5
VC M
G
G


Số phần tương tự - M74VHC1GT14DFT2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
M74VHC1GT14DFT2G ONSEMI-M74VHC1GT14DFT2G Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
M74VHC1GT14DFT2G ONSEMI-M74VHC1GT14DFT2G Datasheet
204Kb / 14P
   Single Schmitt-Trigger Inverter
November, 2018 ??Rev. 21
M74VHC1GT14DFT2G ONSEMI-M74VHC1GT14DFT2G Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
M74VHC1GT14DFT2G-L22038 ONSEMI-M74VHC1GT14DFT2G-L22038 Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
More results

Mô tả tương tự - M74VHC1GT14DFT2G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14 Datasheet
186Kb / 8P
   Schmitt-Trigger Inverter/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A_15 Datasheet
110Kb / 12P
   Triple Inverters with Schmitt-trigger Inputs /CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A Datasheet
86Kb / 10P
   Triple Inverters with Schmitt-trigger Inputs / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
Torex Semiconductor
XC74UL14AA TOREX-XC74UL14AA Datasheet
92Kb / 3P
   CMOS Schmitt Trigger Inverter
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com