công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M74VHC1GT14DFT1G bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện M74VHC1GT14DFT1G
Giải thích chi tiết về linh kiện  Schmitt-Trigger Inverter / CMOS Logic Level Shifter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M74VHC1GT14DFT1G bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  M74VHC1GT14DFT1G Datasheet HTML 1Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 2Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 3Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 4Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 5Page - ON Semiconductor M74VHC1GT14DFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC1GT14
www.onsemi.com
2
MAXIMUM RATINGS
Symbol
Characteristics
Value
Unit
VCC
DC Supply Voltage
−0.5 to +7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
VCC = 0
High or Low State
−0.5 to 7.0
−0.5 to VCC + 0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
VOUT < GND; VOUT > VCC
+20
mA
IOUT
DC Output Current, per Pin
+25
mA
ICC
DC Supply Current, VCC and GND
+50
mA
PD
Power Dissipation in Still Air
SC−88A, TSOP−5
200
mW
qJA
Thermal Resistance
SC−88A, TSOP−5
333
°C/W
TL
Lead Temperature, 1 mm from Case for 10 secs
260
°C
TJ
Junction Temperature Under Bias
+150
°C
Tstg
Storage Temperature
−65 to +150
°C
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
> 2000
> 200
N/A
V
ILatchup
Latchup Performance
Above VCC and Below GND at 125°C (Note 4)
±500
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A
2. Tested to EIA/JESD22−A115−A
3. Tested to JESD22−C101−A
4. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
3.0
5.5
V
VIN
DC Input Voltage
0.0
5.5
V
VOUT
DC Output Voltage
VCC = 0
High or Low State
0.0
0.0
5.5
VCC
V
TA
Operating Temperature Range
−55
+125
°C
tr , tf
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
No Limit
No Limit
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
Device Junction Temperature versus
Time to 0.1% Bond Failures
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
TIME, YEARS
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature


Số phần tương tự - M74VHC1GT14DFT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
M74VHC1GT14DFT1G ONSEMI-M74VHC1GT14DFT1G Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
M74VHC1GT14DFT1G ONSEMI-M74VHC1GT14DFT1G Datasheet
204Kb / 14P
   Single Schmitt-Trigger Inverter
November, 2018 ??Rev. 21
M74VHC1GT14DFT1G ONSEMI-M74VHC1GT14DFT1G Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
M74VHC1GT14DFT1G-L22038 ONSEMI-M74VHC1GT14DFT1G-L22038 Datasheet
452Kb / 15P
   Single Schmitt-Trigger Inverter
March, 2022 ??Rev. 26
More results

Mô tả tương tự - M74VHC1GT14DFT1G

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14 Datasheet
186Kb / 8P
   Schmitt-Trigger Inverter/CMOS Logic Level Shifter
November, 1999 ??Rev. 1
logo
Renesas Technology Corp
HD74LV1GT14A RENESAS-HD74LV1GT14A Datasheet
103Kb / 7P
   Inverter with Schmitt-trigger Input / CMOS Logic Level Shifter
logo
Leshan Radio Company
L74VHC1GT14 LRC-L74VHC1GT14 Datasheet
332Kb / 6P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
E-Tech Electronics LTD
MC74VHC1GT14 ETL-MC74VHC1GT14 Datasheet
577Kb / 4P
   Schmitt-Trigger Inverter/ CMOS Logic Level Shifter with LSTTL-Compatible Inputs
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
   Inverter / CMOS Logic Level Shifter
HD74LV1GT04A RENESAS-HD74LV1GT04A Datasheet
102Kb / 7P
   Inverter / CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A_15 Datasheet
110Kb / 12P
   Triple Inverters with Schmitt-trigger Inputs /CMOS Logic Level Shifter
HD74LV2GT14A RENESAS-HD74LV2GT14A Datasheet
86Kb / 10P
   Triple Inverters with Schmitt-trigger Inputs / CMOS Logic Level Shifter
logo
ON Semiconductor
MC74VHC1GT14 ONSEMI-MC74VHC1GT14_07 Datasheet
79Kb / 6P
   Schmitt?뭈rigger Inverter / CMOS Logic Level Shifter LSTTL?묬ompatible Inputs
February, 2007 ??Rev. 12
logo
Torex Semiconductor
XC74UL14AA TOREX-XC74UL14AA Datasheet
92Kb / 3P
   CMOS Schmitt Trigger Inverter
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com