công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74VHC1G08 bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74VHC1G08
Giải thích chi tiết về linh kiện  Single 2-Input AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC1G08 bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74VHC1G08 Datasheet HTML 1Page - ON Semiconductor MC74VHC1G08 Datasheet HTML 2Page - ON Semiconductor MC74VHC1G08 Datasheet HTML 3Page - ON Semiconductor MC74VHC1G08 Datasheet HTML 4Page - ON Semiconductor MC74VHC1G08 Datasheet HTML 5Page - ON Semiconductor MC74VHC1G08 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2015
May, 2015 − Rev. 21
1
Publication Order Number:
MC74VHC1G08/D
MC74VHC1G08
Single 2-Input AND Gate
The MC74VHC1G08 is an advanced high speed CMOS 2−input
AND gate fabricated with silicon gate CMOS technology.
The internal circuit is composed of multiple stages, including a
buffer output which provides high noise immunity and stable output.
The MC74VHC1G08 input structure provides protection when
voltages up to 7.0 V are applied, regardless of the supply voltage. This
allows the MC74VHC1G08 to be used to interface 5.0 V circuits to
3.0 V circuits.
Features
High Speed: tPD = 3.5 ns (Typ) at VCC = 5.0 V
Low Power Dissipation: ICC = 1.0 mA (Max) at TA = 25°C
Power Down Protection Provided on Inputs
Balanced Propagation Delays
Pin and Function Compatible with Other Standard Logic Families
Chip Complexity: FETs = 62
These Devices are Pb−Free and are RoHS Compliant
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
VCC
IN B
IN A
OUT Y
GND
IN A
IN B
OUT Y
&
Figure 1. Pinout (Top View)
Figure 2. Logic Symbol
1
2
3
4
5
MARKING
DIAGRAMS
www.onsemi.com
L
L
H
H
L
H
L
H
FUNCTION TABLE
Inputs
Output
AB
L
L
L
H
Y
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
ORDERING INFORMATION
PIN ASSIGNMENT
1
2
3
GND
IN B
IN A
4
5VCC
OUT Y
V2
= Device Code
M
= Date Code*
G
= Pb−Free Package
V2 M
G
G
1
5
V2 M
G
G
1
5
(Note: Microdot may be in either location)
*Date Code orientation and/or position may
vary depending upon manufacturing location.
TSOP−5 / SOT−23 / SC−59
DT SUFFIX
CASE 483
SC−88A / SOT−353 / SC−70
DF SUFFIX
CASE 419A


Số phần tương tự - MC74VHC1G08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
183Kb / 8P
   2-Input AND Gate
December, 1999 ??Rev. 3
logo
Leshan Radio Company
MC74VHC1G08 LRC-MC74VHC1G08 Datasheet
132Kb / 4P
   2-Input AND Gate
logo
E-Tech Electronics LTD
MC74VHC1G08 ETL-MC74VHC1G08 Datasheet
557Kb / 4P
   2-Input AND Gate
logo
ON Semiconductor
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
499Kb / 15P
   Single 2-Input AND Gate
March, 2022 ??Rev. 29
More results

Mô tả tương tự - MC74VHC1G08

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
74V1G08STR STMICROELECTRONICS-74V1G08STR Datasheet
202Kb / 9P
   SINGLE 2-INPUT AND GATE
July 2001
logo
New Japan Radio
NL17SV08XV5T2 NJRC-NL17SV08XV5T2 Datasheet
42Kb / 6P
   Single 2-Input AND Gate
logo
ON Semiconductor
NLU1G08 ONSEMI-NLU1G08 Datasheet
98Kb / 8P
   Single 2-Input AND Gate
March, 2008 - Rev. 2
NL17SV08 ONSEMI-NL17SV08 Datasheet
85Kb / 5P
   Single 2-Input AND Gate
May, 2014 ??Rev. 7
MC74VHC1G08DTT1G ONSEMI-MC74VHC1G08DTT1G Datasheet
122Kb / 6P
   Single 2-Input AND Gate
February, 2013 ??Rev. 20
MC74HC1G08 ONSEMI-MC74HC1G08_18 Datasheet
172Kb / 9P
   Single 2-Input AND Gate
November, 2018 ??Rev. 15
MC74VHC1G08 ONSEMI-MC74VHC1G08_18 Datasheet
206Kb / 14P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
NL17SZ08 ONSEMI-NL17SZ08_18 Datasheet
189Kb / 13P
   Single 2-Input AND Gate
November, 2018 ??Rev. 22
logo
NXP Semiconductors
74LVC1G08 NXP-74LVC1G08_13 Datasheet
354Kb / 19P
   Single 2-input AND gate
Rev. 10-29 June 2012
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com