công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74AC00 bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện MC74AC00
Giải thích chi tiết về linh kiện  Quad 2-Input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC00 bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  MC74AC00_15 Datasheet HTML 1Page - ON Semiconductor MC74AC00_15 Datasheet HTML 2Page - ON Semiconductor MC74AC00_15 Datasheet HTML 3Page - ON Semiconductor MC74AC00_15 Datasheet HTML 4Page - ON Semiconductor MC74AC00_15 Datasheet HTML 5Page - ON Semiconductor MC74AC00_15 Datasheet HTML 6Page - ON Semiconductor MC74AC00_15 Datasheet HTML 7Page - ON Semiconductor MC74AC00_15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC74AC00, MC74ACT00
www.onsemi.com
4
DC CHARACTERISTICS
Symbol
Parameter
VCC
(V)
MC74ACT00
Unit
Conditions
TA = +255C
TA = −405C to +855C
TA = −555C to + 1255C
Typ
Guaranteed Limits
VIH
Minimum High Level
Input Voltage
4.5
5.5
1.5
1.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VOUT = 0.1 V
or VCC − 0.1 V
VIL
Maximum Low Level
Input Voltage
4.5
5.5
1.5
1.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOUT = 0.1 V
or VCC − 0.1 V
VOH
Minimum High Level
Output Voltage
4.5
5.5
4.49
5.49
4.4
5.4
4.4
5.4
4.4
5.4
V
IOUT = −50 mA
4.5
5.5
3.86
4.86
3.76
4.76
3.7
4.7
V
*VIN = VIL or VIH
IOH
−24 mA
−24 mA
VOL
Maximum Low Level
Output Voltage
4.5
5.5
0.001
0.001
0.1
0.1
0.1
0.1
0.1
0.1
V
IOUT = 50 mA
4.5
5.5
0.36
0.36
0.44
0.44
0.5
0.5
V
*VIN = VIL or VIH
IOL
24 mA
24 mA
IIN
Maximum Input
Leakage Current
5.5
$0.1
$1.0
$1.0
mA
VI = VCC, GND
DICCT
Additional Max. ICC/Input
5.5
0.6
1.5
1.6
mA
VI = VCC − 2.1 V
IOLD
†Minimum Dynamic
Output Current
5.5
75
50
mA
VOLD = 1.65 V Max
IOHD
5.5
−75
−50
mA
VOHD = 3.85 V Min
ICC
Maximum Quiescent
Supply Current
5.5
4.0
40
40
mA
VIN = VCC or GND
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
*All outputs loaded; thresholds on input associated with output under test.
†Maximum test duration 2.0 ms, one output loaded at a time.
AC CHARACTERISTICS (tr = tf = 3.0 nS; CL = 50 pF; see Figures 3 and 4 for Waveforms)
Symbol
Parameter
VCC*
(V)
MC74ACT00
Unit
TA = +255C
TA = −405C to +855C
TA = −555C to +1255C
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
5.0
1.5
5.5
9.0
1.0
9.5
1.0
9.5
ns
tPHL
Propagation Delay
5.0
1.5
4.0
7.0
1.0
8.0
1.0
8.0
ns
*Voltage Range 5.0 V is 5.0 V
$0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Test Conditions
Unit
CIN
Input Capacitance
4.5
VCC = 5.0 V
pF
CPD
Power Dissipation Capacitance
30
VCC = 5.0 V
pF


Số phần tương tự - MC74AC00_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC74AC00D MOTOROLA-MC74AC00D Datasheet
126Kb / 5P
   QUAD 2-INPUT NAND GATE
logo
ON Semiconductor
MC74AC00D ONSEMI-MC74AC00D Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DG ONSEMI-MC74AC00DG Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DR2 ONSEMI-MC74AC00DR2 Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
MC74AC00DR2G ONSEMI-MC74AC00DR2G Datasheet
148Kb / 10P
   Quad 2?묲nput NAND Gate
October, 2006 ??Rev. 9
More results

Mô tả tương tự - MC74AC00_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com