công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK1744-D35 bảng dữ liệu(PDF) 6 Page - List of Unclassifed Manufacturers

tên linh kiện STK1744-D35
Giải thích chi tiết về linh kiện  32K x 8 AutoStore nvSRAM with Real-Time Clock
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK1744-D35 bảng dữ liệu(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK1744-D35 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK1744-D35 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
STK1744
January 2003
6
Document Control # ML0020 rev 0.0
SOFTWARE STORE/RECALL MODE SELECTION
Note k: The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note l:
While there are 15 addresses on the STK1744, only the lower 14 are used to control software modes.
SOFTWARE STORE/RECALL CYCLEm, n
(VCC = 5.0V ± 10%)
Note m: The software sequence is clocked with E controlled reads.
Note n: The six consecutive addresses must be in the order listed in the Software STORE/RECALL Mode Selection Table: (0E38, 31C7, 03E0, 3C1F,
303F, 0FC0) for a STORE cycle or (0E38, 31C7, 03E0, 3C1F, 303F, 0C63) for a RECALL cycle. W must be high during all six consecutive
cycles.
SOFTWARE STORE/RECALL CYCLE: E Controlled
E
W
A13 - A0 (hex)
MODE
I/O
NOTES
LH
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
k, l
LH
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
k, l
NO.
SYMBOLS
PARAMETER
STK1744-25
STK1744-35
STK1744-45
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
26
tAVAV
STORE/RECALL Initiation Cycle Time
25
35
45
ns
27
tAVEL
m
Address Set-up Time
0
0
0
ns
28
tELEH
m
Clock Pulse Width
20
25
30
ns
29
tELAX
f, m
Address Hold Time
20
20
20
ns
30
tRECALL
RECALL Duration
20
20
20
µs
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
26
tAVAV
DATA VALID
23
30
tSTORE / tRECALL
26
tAVAV
27
tAVEL
28
tELEH
29
tELAX
E
ADDRESS
DQ (DATA OUT)


Số phần tương tự - STK1744-D35

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25 ETC-STK1743-D25 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D25I ETC-STK1743-D25I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35 ETC-STK1743-D35 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
STK1743-D35I ETC-STK1743-D35I Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
More results

Mô tả tương tự - STK1744-D35

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
STK17T88 CYPRESS-STK17T88 Datasheet
603Kb / 22P
   32K x 8 AutoStore nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88_08 Datasheet
535Kb / 29P
   32K x 8 AutoStore nvSRAM with Real-Time Clock
logo
Cypress Semiconductor
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
STK1743 ETC-STK1743 Datasheet
253Kb / 10P
   NV TIME 8K X 8 AUTOSTORE NVSRAM WITH REAL - TIME CLOCK
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8 Datasheet
685Kb / 28P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256KA CYPRESS-CY14B256KA Datasheet
755Kb / 26P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
logo
Simtek Corporation
STK17TA8 SIMTEK-STK17TA8_08 Datasheet
647Kb / 29P
   128Kx8 Autostore nvSRAM With Real-Time Clock
logo
Cypress Semiconductor
CY14B256K CYPRESS-CY14B256K Datasheet
1Mb / 23P
   256-Kbit (32K x 8) nvSRAM with Real-Time-Clock
CY14B256K CYPRESS-CY14B256K_09 Datasheet
796Kb / 28P
   256 Kbit (32K x 8) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com