công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74HCT574ADWG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74HCT574ADWG
Giải thích chi tiết về linh kiện  Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT574ADWG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74HCT574ADWG Datasheet HTML 1Page - ON Semiconductor MC74HCT574ADWG Datasheet HTML 2Page - ON Semiconductor MC74HCT574ADWG Datasheet HTML 3Page - ON Semiconductor MC74HCT574ADWG Datasheet HTML 4Page - ON Semiconductor MC74HCT574ADWG Datasheet HTML 5Page - ON Semiconductor MC74HCT574ADWG Datasheet HTML 6Page - ON Semiconductor MC74HCT574ADWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74HCT574A
http://onsemi.com
3
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Symbol
Parameter
Test Conditions
VCC
V
Guaranteed Limit
Unit
–55 to
25
_C
≤ 85_C
≤ 125_C
VIH
Minimum High−Level Input Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| ≤ 20 mA
4.5
5.5
2.0
2.0
2.0
2.0
2.0
2.0
V
VIL
Maximum Low−Level Input Voltage
Vout = 0.1 V or VCC – 0.1 V
|Iout| ≤ 20 mA
4.5
5.5
0.8
0.8
0.8
0.8
0.8
0.8
V
VOH
Minimum High−Level Output Voltage
Vin = VIH or VIL
|Iout| ≤ 20 mA
4.5
5.5
4.4
5.4
4.4
5.4
4.4
5.4
Vin = VIH or VIL
|Iout| ≤ 6.0 mA
4.5
3.98
3.84
3.7
V
VOL
Maximum Low−Level Output Voltage
Vin = VIH or VIL
|Iout| ≤ 20 mA
4.5
5.5
0.1
0.1
0.1
0.1
0.1
0.1
Vin = VIH or VIL
|Iout| ≤ 6.0 mA
4.5
0.26
0.33
0.4
Iin
Maximum Input Leakage Current
Vin = VCC or GND
5.5
±0.1
±1.0
±1.0
mA
ICC
Maximum Quiescent Supply Current
(per Package)
Vin = VCC or GND
Iout = 0 mA
5.5
4.0
40
160
mA
IOZ
Maximum Three−State Leakage
Current
Vin = VIL or VIH (Note 1)
Vout = VCC or GND
5.5
−0.5
–5.0
–10
mA
DICC
Additional Quiescent Supply Current
Vin = 2.4 V, Any One Input
Vin = VCC or GND, Other Inputs
lout = 0 mA
5.5
≥ –55_C
25
_C to 125_C
mA
2.9
2.4
1. Output in high−impedance state.
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ±10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Guaranteed Limit
Unit
– 55 to
25
_C
v 85_C
v 125_C
fMAX
Maximum Clock Frequency (50% Duty Cycle) (Figures 2 and 5)
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
(Figures 2 and 5)
30
38
45
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 3 and 6)
28
35
42
ns
tPZH,
tPZL
Maximum Propagation Delay Time, Output Enable to Q
(Figures 3 and 6)
28
35
42
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 2, 3 and 5)
12
15
18
ns
Cin
Maximum Input Capacitance
10
10
10
pF
CPD
Power Dissipation Capacitance (Per Flip−Flop)*
Typical @ 25
°C, VCC = 5.0 V
pF
58
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
TIMING REQUIREMENTS (VCC = 5.0 V ±10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Figure
Guaranteed Limit
Unit
– 55 to 25
_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Data to Clock
4
10
13
15
ns
th
Minimum Hold Time, Clock to Data
4
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
2
15
19
22
ns
tr, If
Maximum Input Rise and Fall Times
2
500
500
500
ns


Số phần tương tự - MC74HCT574ADWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
107Kb / 7P
   Octal 3?뭆tate Noninverting D Flip?묯lop with LSTTL?묬ompatible Inputs
September, 2005 ??Rev. 9
MC74HCT574ADWG ONSEMI-MC74HCT574ADWG Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
More results

Mô tả tương tự - MC74HCT574ADWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
MC74HCT374A ONSEMI-MC74HCT374A_14 Datasheet
122Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
MC74HCT374A ONSEMI-MC74HCT374A Datasheet
185Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT374A ONSEMI-MC74HCT374A_11 Datasheet
155Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
May, 2011 ??Rev. 11
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
ON Semiconductor
MC74HCT373A ONSEMI-MC74HCT373A_14 Datasheet
124Kb / 7P
   Octal 3-State Noninverting Transparent Latch with LSTTL-Compatible Inputs
September, 2014 ??Rev. 13
MC74HCT373A ONSEMI-MC74HCT373A Datasheet
185Kb / 8P
   Octal 3-State Noninverting Transceiver Latch with LSTTL-Compatible Inputs?
March, 2000 ??Rev. 8
MC74HCT573A ONSEMI-MC74HCT573A Datasheet
186Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT573ADWR2G ONSEMI-MC74HCT573ADWR2G Datasheet
153Kb / 8P
   Octal 3-State Noninverting Transparent Latch with LSTTL Compatible Inputs
June, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com