công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-102-445 bảng dữ liệu(PDF) 6 Page - Schurter Inc.

tên linh kiện 3-102-445
Giải thích chi tiết về linh kiện  Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHURTER [Schurter Inc.]
Trang chủ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-102-445 bảng dữ liệu(HTML) 6 Page - Schurter Inc.

  3-102-445 Datasheet HTML 1Page - Schurter Inc. 3-102-445 Datasheet HTML 2Page - Schurter Inc. 3-102-445 Datasheet HTML 3Page - Schurter Inc. 3-102-445 Datasheet HTML 4Page - Schurter Inc. 3-102-445 Datasheet HTML 5Page - Schurter Inc. 3-102-445 Datasheet HTML 6Page - Schurter Inc. 3-102-445 Datasheet HTML 7Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Metal Line Switches
MSM CS 19
www.schurter.com /PG70
Switches
Diameter
Switching
Current
Switching Voltage Illumination, LED
Torsion Pro-
tection
Housing Material
Config. Code
Order Number
[mm]
[A]
[VAC/ VDC]
19
10 A
250 VAC
non-illuminated
yes
Stainless Steel
MSM 19 CS LE
1241.7022.1130000
19
5 A
250 VAC
non-illuminated
yes
Stainless Steel
MSM 19 CS LE
1241.7022.1180000
19
0.1 A
30 VDC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 19 CS BL red
1241.7026.1111000
19
0.1 A
30 VDC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 19 CS BL green
1241.7026.1112000
19
0.1 A
30 VDC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 19 CS BL green
1241.7026.1112074
19
0.1 A
30 VDC
Backlighted, green, 12 VDC
yes
Stainless Steel
MSM 19 CS BL green
1241.7026.1112074E
19
0.1 A
30 VDC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1114000
19
0.1 A
30 VDC
Backlighted, blue, 12 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1114000E
19
0.1 A
30 VDC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1114076
19
5 / 3 A
125 / 250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 19 CS BL red
1241.7026.1121000
19
5 / 3 A
125 / 250 VAC
Backlighted, red, 12 VDC
yes
Stainless Steel
MSM 19 CS BL red
1241.7026.1121000E
19
5 / 3 A
125 / 250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 19 CS BL red
1241.7026.1121072
19
5 / 3 A
125 / 250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 19 CS BL red
1241.7026.1121075
19
5 / 3 A
125 / 250 VAC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 19 CS BL green
1241.7026.1122000
19
5 / 3 A
125 / 250 VAC
Backlighted, green, 12 VDC
yes
Stainless Steel
MSM 19 CS BL green
1241.7026.1122000E
19
5 / 3 A
125 / 250 VAC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1124000
19
5 / 3 A
125 / 250 VAC
Backlighted, blue, 5 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1124000B
19
5 / 3 A
125 / 250 VAC
Backlighted, blue, 12 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1124000E
19
5 / 3 A
125 / 250 VAC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1124074
19
10 A
250 VAC
Backlighted, red, 24 VDC
yes
Stainless Steel
MSM 19 CS BL red
1241.7026.1131000
19
10 A
250 VAC
Backlighted, green, 24 VDC
yes
Stainless Steel
MSM 19 CS BL green
1241.7026.1132000
19
10 A
250 VAC
Backlighted, blue, 24 VDC
yes
Stainless Steel
MSM 19 CS BL blue
1241.7026.1134000
19
10 A
250 VAC
Backlighted, bright blue, 24 VDC
yes
Stainless Steel
MSM 19 CS BL bright
blue
3-102-445
Legend:
Type: MSM
CS = Ceramic Surface
ST = Standard: not lettered
LE = Lettering: lettered
AI = BL = Full Surface Backlighting: Lettering possible (see Lettering, last 3 digits)
IP 65 degree of protection front side contact area; degree of protection rear side contact area IP 40 or IP 67 optional -> see Technical Data Micro Switch
Backlighting versions: Supply voltage 24 VDC, 12 VDC (E), 5 VDC (B), (further 12 or 5 VDC versions on request)
Customer-specific versions available on request.
Special materials for use in salt and chlorinated environment on request.
The nut with gasket and micro switch are enclosed in the box.
Most Popular.
Availability for all products can be searched real-time:http://www.schurter.com/Stock-Check/Stock-Check-SCHURTER
Packaging unit
10 in box with insert


Số phần tương tự - 3-102-445

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
3-102-446 SCHURTER-3-102-446 Datasheet
590Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
More results

Mô tả tương tự - 3-102-445

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
MSMCS22 SCHURTER-MSMCS22 Datasheet
590Kb / 7P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS19 SCHURTER-MSMCS19 Datasheet
803Kb / 8P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_18 Datasheet
825Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
MSMCS22 SCHURTER-MSMCS22_V02 Datasheet
914Kb / 9P
   Metal Switch with Ceramic Actuator, Switching Voltage up to 30 VDC / 250 VAC
05.01.2022
MSMLA19 SCHURTER-MSMLA19 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA19 SCHURTER-MSMLA19_18 Datasheet
983Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLA22 SCHURTER-MSMLA22_V02 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
MSMLA22 SCHURTER-MSMLA22 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22_16 Datasheet
761Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
MSMLACS22 SCHURTER-MSMLACS22 Datasheet
748Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results


Html Pages

1 2 3 4 5 6 7


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com