công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3-101-231 bảng dữ liệu(PDF) 1 Page - Schurter Inc.

tên linh kiện 3-101-231
Giải thích chi tiết về linh kiện  Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SCHURTER [Schurter Inc.]
Trang chủ  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

3-101-231 bảng dữ liệu(HTML) 1 Page - Schurter Inc.

  3-101-231 Datasheet HTML 1Page - Schurter Inc. 3-101-231 Datasheet HTML 2Page - Schurter Inc. 3-101-231 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Thermal (T- and TA-Line)
T9-817
www.schurter.com /PG17_18_19
Circuit Breakers
Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
Description
- Thermal circuit breaker
- 1-pole
- On request available with elevaled glow-wire ratings
- THT connectors
Unique Selling Proposition
- Reset type
- Cycling trip-free release
- Compact design
- Different mounting possibilities
Standards
- IEC 60934
- UL 1077
- CSA C22.2 No. 235
- GB 17701
Applications
- Designed for standard and medical applications
- Power supplies
- Uninterruptible power supply
- Power tools
- Industrial appliances
- HVAC
- Household appliances
Weblinks
pdf-datasheet, html-datasheet, General Product Information, Approvals,
CE declaration of conformity, RoHS, CHINA-RoHS, REACH, Distributor-
Stock-Check, Detailed request for product, Product News, Video
Technical Data
Rated Voltage AC
240 V, 50 / 60 Hz
Rated Voltage DC
48 V
Rated current
4-12 A
Conditional short circuit ca-
pacity
IEC: Inc, PC1, AC 240 V: 2 kA
UL / CSA: SC, AC 240 V DC 48 / 32 V:
2 kA, C1
Degree of protection front side IP 40
Endurance minimum
IEC: 200% Ir, cos
φ 0.6: min. 50 swit-
ching cycles
Endurance typical
4-8 A: 150% Ir, cos
φ 0.9:
2500 switching cycles
10-12 A: 150% Ir, cos
φ 0.9:
6000 switching cycles
Dielectric Strength
1500 VAC
Insulation resistance
500 VDC > 1000 M
Ω
Ambient temperature
5-12 A: -5 °C to 60 °C
4 A: -5°C to 50 °C
Soldering Methods
Wave
Solderability
245 °C / 3 sec acc. to IEC 60068-2-
20 / Test Ta, method 1
Resistance to Soldering Heat
260 °C / 10 sec acc. to IEC 60068-2-
20 / Test Tb, method 1A
Weight
approx. 12.5 g
Dimension
6.8
7.8
9.2
6.3
2
2.3
Ø7.8
Ø9.5
6.3
12.2
3.95 4.3
R1
Ø 2.25


Số phần tương tự - 3-101-231

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
3-101-001 SCHURTER-3-101-001 Datasheet
1,005Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
3-101-001 SCHURTER-3-101-001 Datasheet
1,019Kb / 8P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
3-101-002 SCHURTER-3-101-002 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
3-101-002 SCHURTER-3-101-002 Datasheet
981Kb / 7P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
05.01.2022
3-101-003 SCHURTER-3-101-003 Datasheet
921Kb / 6P
   Metal Switch, Latching Action, Switching Voltage up to 125 VDC / 250 VAC
More results

Mô tả tương tự - 3-101-231

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schurter Inc.
T9-817 SCHURTER-T9-817_18 Datasheet
332Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-817 SCHURTER-T9-817_V01 Datasheet
346Kb / 4P
   Circuit Breaker for Equipment thermal vertical, THT terminals for PCB mounting, 1 pole
T9-818 SCHURTER-T9-818 Datasheet
377Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting, 1 pole
T9-818 SCHURTER-T9-818_18 Datasheet
388Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818_16 Datasheet
352Kb / 3P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
T9-818 SCHURTER-T9-818_V01 Datasheet
403Kb / 4P
   Circuit Breaker for Equipment thermal, THT terminals for PCB mounting horizontal, 1 pole
AS168XDC1 SCHURTER-AS168XDC1 Datasheet
441Kb / 6P
   Circuit Breaker for Equipment thermal-magnetic, 1 pole
TA35ROCKER1POLE SCHURTER-TA35ROCKER1POLE Datasheet
506Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
4435.0456 SCHURTER-4435.0456 Datasheet
571Kb / 6P
   Circuit Breaker for Equipment thermal, Rocker actuation, 1 pole
T9-311 SCHURTER-T9-311 Datasheet
327Kb / 4P
   Circuit Breaker for Equipment thermal, Threaded-neck type, 1 pole
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com