công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC102822501JE bảng dữ liệu(PDF) 1 Page - Ohmite Mfg. Co.

tên linh kiện MC102822501JE
Giải thích chi tiết về linh kiện  Low voltage coefficient
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OHMITE [Ohmite Mfg. Co.]
Trang chủ  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

MC102822501JE bảng dữ liệu(HTML) 1 Page - Ohmite Mfg. Co.

  MC102822501JE Datasheet HTML 1Page - Ohmite Mfg. Co. MC102822501JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
24
Macrochip Series
High Voltage/High Resistance
Precision Thick Film Surface Mount
Resistance
Power
Voltage
Standard Temp. Coefficient 85°-125°C
Series
Range (Ohms)
@25°C
Rating
50PPM/°C
100PPM/°C
MC101
100Ω to 1,000M
0.75W
2.0KV
100Ω-100M
101M-1,000M
MC102
200Ω to 5,000M
1.50W
5.0KV
200Ω-250M
251M-5,000M
MC103
250Ω to 5,000M
2.00W
7.5KV
250Ω-100M
101M-5,000M
MC104
1K to 5,000M
2.50W
10.0KV
500Ω-450M
451M-5,000M
MC202
500Ω to 5,000M
2.50W
5.0KV
500Ω-200M
201M-5,000M
MC204
1K to 5,000M
3.25W
10.0KV
1K-375M
376M-5,000M
Contact Ohmite for custom configurations.
perfor M ance data
Characteristic Test Method
Specification
Humidity MIL-STD-202, Method 103B,
Condition B
±0.25%
Dielectric Withstanding
Voltage
MIL-STD-202, Method 301,
750V
±0.25%
Insulation Resistance MIL-STD-202, Method 302,
Condition A or B
>10,000M or
greater dry
Thermal Shock MIL-STD-202, Method 107G,
Condition B, B-1, or F
±0.20%
Load Life MIL-STD-202, Method 108A,
Condition D
±1.0%
Resistance to Solvents MIL-STD-202, Method 215G
No degrada-
tion of coating
or marking
Shock (Specified Pulse) MIL-STD-202, Method 213B,
Condition I
±0.25%
Vibration, High
Frequency
MIL-STD-202, Method 204D,
Condition D
±.020%
Power Conditioning MIL-R-49462A, Par 4.8
±0.50%
Ohmite’s MacroChip resistors bring
precision high voltage capabilities to
surface mount applications. Designed
with thick film on alumina substrate
technology, the resistors can be pro-
vided in precision tolerances, high volt-
age ratings, and high resistance values.
The planar package design is low profile
for easy use with instrumentation, medi-
cal equipment, voltage regulators, and
power supplies.
f ea ture S
•Non-inductivedesign(less
than 50 nanohenries)
•Lowvoltagecoefficient
•Surfacemount
•PdAgterminations
•J-bendterminalsforapplica-
tions involving shock and
vibration
S er I e S S pec I f I cat I on S
character IS t I c S
Resistor Thick film on Alumina
Resistance Range 100 Ohms to 5,000M
Power Rating 0.75W to 3.25W
Voltage Rating 2.0KV to 10.0KV
Tolerance 0.5% to 20%
Operating
Temperature
-55°C to +180°C
TCR and VCR See chart below
Solder Silver solder is recommended for
Macrochip resistors. Leaching of
the silver in the termination will
occur if non-silver solder is used.
60/40 tin-lead solders are not
recommended for use with the
Macrochip product.
Recommended Solder Profile
300
Time (sec.)
Preheating
120 sec.
Soldering
Cooling
200
50
50
0
100
150
250
200
0
250
100
150
60 sec.
10 sec.
Preheating:
145°C ±15°,
max. 120 sec.
Soldering:
min. 220°C,
max. 60 sec.
Max. Temp.:
260°C ±5°,
10 sec.
a ppl I ca t I on S
•Medicalinstrumentation
•PowerSupplies
•Avionics
•LightMagnificationSystems


Số phần tương tự - MC102822501JE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
MC102822501JE OHMITE-MC102822501JE Datasheet
158Kb / 1P
   High Voltage/High Resistance Precision Thick Film Surface Mount
MC102822501JE OHMITE-MC102822501JE Datasheet
363Kb / 2P
   High Voltage/High Resistance Precision Thick Film Surface Mount
More results

Mô tả tương tự - MC102822501JE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Ohmite Mfg. Co.
RES-HPW OHMITE-RES-HPW Datasheet
272Kb / 2P
   Low voltage coefficient
logo
TT Electronics.
3810 TTELEC-3810 Datasheet
443Kb / 2P
   Low voltage coefficient
LRK TTELEC-LRK Datasheet
144Kb / 2P
   Low temperature coefficient
logo
TAITIEN ELECTRONICS CO....
XO-0127-X6-TYPE TAITIEN-XO-0127-X6-TYPE Datasheet
188Kb / 1P
   High stability, low temperature frequency coefficient
XO-0128-X5-TYPE TAITIEN-XO-0128-X5-TYPE Datasheet
244Kb / 1P
   High stability, low temperature frequency coefficient
XO-0126-X8-TYPE TAITIEN-XO-0126-X8-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
logo
MultiDimension Technolo...
TMR7506-C MULTIDIMENSION-TMR7506-C Datasheet
1Mb / 10P
   Unibody Low Temperature Coefficient Current Sensor
Version 1.0
TMR7506-B MULTIDIMENSION-TMR7506-B Datasheet
1Mb / 10P
   Unibody Low Temperature Coefficient Current Sensor
Version 1.1
logo
TAITIEN ELECTRONICS CO....
XO-0129-XH-TYPE TAITIEN-XO-0129-XH-TYPE Datasheet
223Kb / 1P
   High stability, low temperature frequency coefficient
XO-0125-X7-TYPE TAITIEN-XO-0125-X7-TYPE Datasheet
194Kb / 1P
   High stability, low temperature frequency coefficient
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com