công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F756XX bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM32F756XX
Giải thích chi tiết về linh kiện  ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
Download  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F756XX bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM32F756XX Datasheet HTML 1Page - STMicroelectronics STM32F756XX Datasheet HTML 2Page - STMicroelectronics STM32F756XX Datasheet HTML 3Page - STMicroelectronics STM32F756XX Datasheet HTML 4Page - STMicroelectronics STM32F756XX Datasheet HTML 5Page - STMicroelectronics STM32F756XX Datasheet HTML 6Page - STMicroelectronics STM32F756XX Datasheet HTML 7Page - STMicroelectronics STM32F756XX Datasheet HTML 8Page - STMicroelectronics STM32F756XX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 228 page
background image
This is information on a product in full production.
February 2016
DocID027589 Rev 4
1/228
STM32F756xx
ARM®-based Cortex®-M7 32b MCU+FPU, 462DMIPS, up to 1MB Flash/320+16+ 4KB
RAM, crypto, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
Datasheet
- production data
Features
• Core: ARM® 32-bit Cortex®-M7 CPU with FPU,
adaptive real-time accelerator (ART
Accelerator™) and L1-cache: 4KB data cache
and 4KB instruction cache, allowing 0-wait
state execution from embedded Flash memory
and external memories, frequency up to
216 MHz, MPU, 462 DMIPS/2.14 DMIPS/MHz
(Dhrystone 2.1), and DSP instructions.
• Memories
– Up to 1MB of Flash memory
– 1024 bytes of OTP memory
– SRAM: 320KB (including 64KB of data
TCM RAM for critical real-time data) +
16KB of instruction TCM RAM (for critical
real-time routines) + 4KB of backup SRAM
(available in the lowest power modes)
– Flexible external memory controller with up
to 32-bit data bus: SRAM, PSRAM,
SDRAM/LPSDR SDRAM, NOR/NAND
memories
• Dual mode Quad-SPI
• LCD parallel interface, 8080/6800 modes
• LCD-TFT controller up to XGA resolution with
dedicated Chrom-ART Accelerator™ for
enhanced graphic content creation (DMA2D)
• Clock, reset and supply management
– 1.7 V to 3.6 V application supply and I/Os
– POR, PDR, PVD and BOR
– Dedicated USB power
– 4-to-26 MHz crystal oscillator
– Internal 16 MHz factory-trimmed RC (1%
accuracy)
– 32 kHz oscillator for RTC with calibration
– Internal 32 kHz RC with calibration
• Low-power
– Sleep, Stop and Standby modes
–VBAT supply for RTC, 32×32 bit backup
registers + 4KB backup SRAM
• 3×12-bit, 2.4 MSPS ADC: up to 24 channels
and 7.2 MSPS in triple interleaved mode
• 2×12-bit D/A converters
• Up to 18 timers: up to thirteen 16-bit (1x low-
power 16-bit timer available in Stop mode) and
two 32-bit timers, each with up to 4
IC/OC/PWM or pulse counter and quadrature
(incremental) encoder input. All 15 timers
running up to 216 MHz. 2x watchdogs, SysTick
timer
• General-purpose DMA: 16-stream DMA
controller with FIFOs and burst support
• Debug mode
– SWD & JTAG interfaces
–Cortex®-M7 Trace Macrocell™
• Up to 168 I/O ports with interrupt capability
– Up to 164 fast I/Os up to 108 MHz
– Up to 166 5 V-tolerant I/Os
• Up to 25 communication interfaces
– Up to 4× I2C interfaces (SMBus/PMBus)
– Up to 4 USARTs/4 UARTs (27 Mbit/s,
ISO7816 interface, LIN, IrDA, modem
control)
– Up to 6 SPIs (up to 50 Mbit/s), 3 with
muxed simplex I2S for audio class
accuracy via internal audio PLL or external
clock
– 2 x SAIs (serial audio interface)
– 2 × CANs (2.0B active) and SDMMC
interface
– SPDIFRX interface
– HDMI-CEC
• Advanced connectivity
– USB 2.0 full-speed device/host/OTG
controller with on-chip PHY
– USB 2.0 high-speed/full-speed
device/host/OTG controller with dedicated
DMA, on-chip full-speed PHY and ULPI
– 10/100 Ethernet MAC with dedicated DMA:
supports IEEE 1588v2 hardware, MII/RMII
• 8- to 14-bit parallel camera interface up to
54 Mbyte/s
• Cryptographic acceleration: hardware
acceleration for AES 128, 192, 256, triple DES,
HASH (MD5, SHA-1, SHA-2), and HMAC
• True random number generator
• CRC calculation unit
• RTC: subsecond accuracy, hardware calendar
• 96-bit unique ID
Table 1. Device summary
Reference
Part number
STM32F756xx
STM32F756VG, STM32F756ZG, STM32F756IG,
STM32F756BG, STM32F756NG
LQFP100 (14x14 mm)
LQFP144 (20x20 mm)
LQFP176 (24x24 mm)
UFBGA176 (10x10 mm)
TFBGA216 (13x13 mm)
LQFP208 (28x28 mm)
WLCSP143
(4.5x5.8 mm)
TFBGA100 (8x8 mm)
www.st.com


Số phần tương tự - STM32F756XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F756BG STMICROELECTRONICS-STM32F756BG Datasheet
3Mb / 228P
   Up to 25 communication interfaces
STM32F756IG STMICROELECTRONICS-STM32F756IG Datasheet
3Mb / 228P
   Up to 25 communication interfaces
STM32F756NG STMICROELECTRONICS-STM32F756NG Datasheet
3Mb / 228P
   Up to 25 communication interfaces
STM32F756VG STMICROELECTRONICS-STM32F756VG Datasheet
3Mb / 228P
   Up to 25 communication interfaces
STM32F756ZG STMICROELECTRONICS-STM32F756ZG Datasheet
3Mb / 228P
   Up to 25 communication interfaces
More results

Mô tả tương tự - STM32F756XX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM32F745XX STMICROELECTRONICS-STM32F745XX Datasheet
3Mb / 227P
   ARM-based Cortex-M7 32b MCUFPU, 462DMIPS, up to 1MB Flash/32016 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
STM32F730X8 STMICROELECTRONICS-STM32F730X8_V01 Datasheet
2Mb / 202P
   Arm짰 Cortex짰-M7 32b MCUFPU, 462DMIPS, 64KB Flash /256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
January 2021
STM32F722XX STMICROELECTRONICS-STM32F722XX Datasheet
4Mb / 224P
   Arm짰 Cortex짰-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
February 2022
STM32F732XX STMICROELECTRONICS-STM32F732XX_V01 Datasheet
4Mb / 226P
   Arm짰 Cortex짰-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash 256164KB RAM, USB OTG HS/FS, 18 TIMs, 3 ADCs, 21 com IF
February 2022
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405XX STMICROELECTRONICS-STM32F405XX_13 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405ZGT6 STMICROELECTRONICS-STM32F405ZGT6 Datasheet
2Mb / 167P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
STM32F405XX STMICROELECTRONICS-STM32F405XX_V01 Datasheet
5Mb / 201P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
October 2015
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
   ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com