công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

9-1393765-1 bảng dữ liệu(PDF) 1 Page - TE Connectivity Ltd

tên linh kiện 9-1393765-1
Giải thích chi tiết về linh kiện  1 through 8 form C (CO) contact arrangement
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

9-1393765-1 bảng dữ liệu(HTML) 1 Page - TE Connectivity Ltd

  9-1393765-1 Datasheet HTML 1Page - TE Connectivity Ltd 9-1393765-1 Datasheet HTML 2Page - TE Connectivity Ltd 9-1393765-1 Datasheet HTML 3Page - TE Connectivity Ltd 9-1393765-1 Datasheet HTML 4Page - TE Connectivity Ltd 9-1393765-1 Datasheet HTML 5Page - TE Connectivity Ltd 9-1393765-1 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
08-2015, Rev. 0815
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
R10 Series Relay
Contact ratings (continued)
Type
Load
Cycles
UL 508
P type, Au overlay Ag, bifurcated crossbar contact
2A, 120VAC, resistive
100x103
3 A, 120 VAC, resistive
6x103
3 A, 30 VDC, resistive
100x103
L type, AuPtAg, bifurcated crossbar contact
500mA, 28VDC, resistive
6x103
Mechanical endurance
10x106 ops., except W type is 1x106 ops.
Coil Data
Coil voltage range
3 to 115VDC
4.5mA to 20mA
6 to 115VAC
Coil versions, DC coil
Coil
Rated
Operate
Coil
Rated coil
code
voltage
voltage
resistance
power
VDC
VDC
Ω±10%
mW
V - standard DC voltage adjustment
1, 2 and 4 pole
V10
3
2.25
10
900
V28
5
3.75
28
900
V52
6
4.5
52
900
V185
12
9
185
900
V700
24
18
700
900
V2.5K
48
36
2500
900
V5.8K
72
54
5800
900
V15.0K
115
86
15000
900
6 pole
V6
3
2.25
6
1,500
V16
5
3.75
16
1,600
V25
6
4.5
25
1,500
V90
12
9
90
1,600
V430
24
18
430
1,400
V1.5K
48
36
1500
1,600
V3.5K
72
54
3500
1,500
V9.0K
115
86
9000
1,500
8 pole
V5
3
2.25
5
1,800
V14
5
3.75
14
1,800
V20
6
4.5
20
1,800
V72
12
9
72
2,000
V350
24
18
350
1,700
V1.25K
48
36
1250
1,900
V2.8K
72
54
2800
1,900
V8.0K
115
86
8000
1,700
All figures are given for coil without preenergization, at ambient temperature +23°C.
n
1 through 8 form C (CO) contact arrangement
n
Broad range of coil options provides sensitivity ranging from 25 to
750mW
n
Various contacts switch from dry circuit to 7.5 amps
n
Many mounting and termination options
Typical applications
Coin changers, audio equipment, elevators, traffic controls, ultrasonic test
equipment, parking toll readers.
Approvals
UL E29244; CSA LR15734
Technical data of approved types on request.
Contact Data
Contact arrangement
1, 2, 3, 4, 6 and 8 form C (CO)
Rated voltage
120VAC
Rated current
7.5A
Contact material
Ag, AgCdO, Au overlay Ag, AuPtAg
Contact style
Single or bifurcated crossbar
Min. recommended contact load
W type, AgCdO, single contact
300mA, 12VDC
X type, AgCdO, single contact
300mA, 12VDC
M type, AgCdO, bifurcated contact
300mA, 12VDC
Y type, Ag, single contact
100mA, 12VDC
Z type, Ag, bifurcated crossbar
1mA, 12VDC
P type, Au overlay Ag, bifurcated crossbar
dry circuit
L type, AuPtAg, bifurcated crossbar
dry circuit
Initial contact resistance
All AgCdO contact types
100mΩ
All other contact materials and types
50mΩ
Frequency of operation
360 ops./hr
Contact ratings
Type
Load
Cycles
UL 508
W type, AgCdO, single contact
7.5A, 120VAC, resistive
7.5A, 28VDC, resistive
1/8HP, 120VAC, same polarity
1/6HP, 240VAC, same polarity
X type, AgCdO, single contact
2A, 30VDC, resistive
100x103
5A, 120VAC, resistive
6x103
5A, 30VDC, resistive
100x103
1/20HP, 120VAC, same polarity
1/10HP, 240VAC, same polarity
M type, AgCdO, bifurcated contact
5A, 120VAC, resistive
6x103
5A, 28VDC, resistive
6x103
Y type, Ag, single contact
2A, 120VAC
6x103
2A, 28VDC
6x103
250VA, 250VAC
30x103
125VA, 125VAC
100x103
Z type, Ag, bifurcated crossbar contact
3A, 120VAC
6x103
3A, 28VDC
6x103
2A, 30VDC
100x103
R10
R10-R
R10S
R10-T
Signal
Signal Relays


Số phần tương tự - 9-1393765-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Tyco Electronics
9-1393765-1 MACOM-9-1393765-1 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
9-1393765-1 MACOM-9-1393765-1 Datasheet
762Kb / 6P
   General Purpose Relays Industrial Relays
9-1393765-1 MACOM-9-1393765-1 Datasheet
1Mb / 6P
   R10 Series Panel Plug-in Relay
More results

Mô tả tương tự - 9-1393765-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
   Compact relay with 1 Form A and 1 Form C contact arrangement
T81 TEC-T81 Datasheet
645Kb / 2P
   Au clad contacts in a 1 Form C (CO) arrangement
logo
List of Unclassifed Man...
RP310024 ETC2-RP310024 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
RP730036 ETC2-RP730036 Datasheet
494Kb / 3P
   1 pole 8/12/16A, 1 form C (CO) or 1 form A (NO) contact
logo
TE Connectivity Ltd
V23057-A0002-A101 TEC-V23057-A0002-A101 Datasheet
332Kb / 3P
   1 pole 8A, 1 form C (CO) or 1 form A (NO) contact
V23061 TEC-V23061 Datasheet
255Kb / 3P
   1 pole 8/10A, 1form C (CO) or 1 form A (NO) contact
PBH TEC-PBH Datasheet
225Kb / 2P
   1pole 6 A, 1 form C (CO) or 1 form A (NO) contact
RT114012F TEC-RT114012F Datasheet
567Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
RT114024AP TEC-RT114024AP Datasheet
336Kb / 3P
   1 pole 12A/16A, 1 form C (CO) or 1 form A (NO) contact
SNR TEC-SNR_15 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com