công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

7-1415006-1 bảng dữ liệu(PDF) 3 Page - TE Connectivity Ltd

tên linh kiện 7-1415006-1
Giải thích chi tiết về linh kiện  2 pole relay with force guided contacts according to EN 50205
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

7-1415006-1 bảng dữ liệu(HTML) 3 Page - TE Connectivity Ltd

  7-1415006-1 Datasheet HTML 1Page - TE Connectivity Ltd 7-1415006-1 Datasheet HTML 2Page - TE Connectivity Ltd 7-1415006-1 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
07-2015, Rev. 0715
www.te.com
© 2015 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
3
SCHRACK
General Purpose Relays
Force Guided Relays
Force Guided Relay SR2M (Continued)
Product code structure
Typical product code
V23047
-A1
012
-A
5
11
Type
V23047 Relay with force guided contacts SR2M
Version
A1 standard
P1 Plug-In
Coil
Coil code: please refer to coil versions table (e.g. 024=24VDC)
Contact set
A single contact
Contact material
5
AgNi
Contact configuration
01 2 form C contacts (2 CO)
11 1 form A + 1 form B contacts ( 1 NO + 1 NC)
Other types on request
Product code
Version
Cont. material
Contact arrangement
Coil
Part number
V23047-A1005-A501
Standard
AgNi
2 form C (CO)
5VDC
1393258-2
V23047-A1005-A511
wash tight
1 A + 1 B, (1 NO + 1 NC)
7-1415006-1
V23047-A1006-A501
2 form C (CO)
6VDC
3-1415011-1
V23047-A1006-A511
1 A + 1 B, (1 NO + 1 NC)
6-1415011-1
V23047-A1009-A501
2 form C (CO)
9VDC
1393258-3
V23047-A1009-A511
1 A + 1 B, (1 NO + 1 NC)
7-1415011-1
V23047-A1012-A501
2 form C (CO)
12VDC
1393258-4
V23047-A1012-A511
1 A + 1 B, (1 NO + 1 NC)
1393258-5
V23047-A1018-A501
2 form C (CO)
18VDC
1393258-8
V23047-A1018-A511
1 A + 1 B, (1 NO + 1 NC)
1393258-9
V23047-A1021-A501
2 form C (CO)
21VDC
1-1393258-1
V23047-A1021-A511
1 A + 1 B, (1 NO + 1 NC)
1-1393258-2
V23047-A1024-A501
2 form C (CO)
24VDC
1-1393258-5
V23047-A1024-A511
1 A + 1 B, (1 NO + 1 NC)
1-1393258-7
V23047-A1036-A501
2 form C (CO)
36VDC
2-1393258-0
V23047-A1036-A511
1 A + 1 B, (1 NO + 1 NC)
8-1415011-1
V23047-A1040-A501
2 form C (CO)
40VDC
2-1393258-1
V23047-A1040-A511
1 A + 1 B, (1 NO + 1 NC)
2-1393258-2
V23047-A1048-A501
2 form C (CO)
48VDC
3-1415006-1
V23047-A1048-A511
1 A + 1 B, (1 NO + 1 NC)
9-1415011-1
V23047-A1060-A511
60VDC
2-1393258-3
V23047-A1110-A501
2 form C (CO)
110VDC
1-1415012-1
V23047-A1110-A511
1 A + 1 B, (1 NO + 1 NC)
2-1415012-1
V23047-P1005-A501
Plug-in
2 form C (CO)
5VDC
7-1415543-4
V23047-P1009-A501
for socket use
9VDC
7-1415543-5
V23047-P1012-A501
12VDC
7-1415543-6
V23047-P1021-A501
21VDC
7-1415543-7
V23047-P1024-A501
24VDC
7-1415543-8
V23047-P1036-A501
36VDC
7-1415543-9
V23047-P1110-A501
110VDC
8-1415543-0


Số phần tương tự - 7-1415006-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
7-1415001-1 TEC-7-1415001-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415002-1 TEC-7-1415002-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
7-1415003-1 TEC-7-1415003-1 Datasheet
388Kb / 4P
   Mechanical indicator, optional LED and protection diode
More results

Mô tả tương tự - 7-1415006-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TE Connectivity Ltd
SR4-D TEC-SR4-D Datasheet
311Kb / 3P
   4 pole relay with force guided contacts according to EN 50205
SR6D TEC-SR6D Datasheet
334Kb / 2P
   4 pole relay with force guided contacts according to EN 50205
SR6A TEC-SR6A Datasheet
373Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR6-A TEC-SR6-A Datasheet
394Kb / 3P
   6 pole relay with force guided contacts according to EN 50205
SR2-Z TEC-SR2-Z Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR2 TEC-SR2 Datasheet
359Kb / 2P
   2 pole relay with force guided contacts according to EN50205
SR6Z TEC-SR6Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
SR6-Z TEC-SR6-Z Datasheet
506Kb / 2P
   6 pole relay with force guided contacts according to EN50205
logo
PHOENIX CONTACT
REL-SR-24DC PHOENIX-REL-SR-24DC Datasheet
64Kb / 3P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
PSR-SCF-120UC PHOENIX-PSR-SCF-120UC Datasheet
80Kb / 4P
   Like all PSR safety relays, equipped with forcibly guided contacts according to EN 50205
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com