công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC7802 bảng dữ liệu(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
tên linh kiện ADC7802
Giải thích chi tiết về linh kiện  Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURR-BROWN [Burr-Brown (TI)]
Trang chủ  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADC7802 bảng dữ liệu(HTML) 11 Page - Burr-Brown (TI)

Back Button ADC7802 Datasheet HTML 5Page - Burr-Brown (TI) ADC7802 Datasheet HTML 6Page - Burr-Brown (TI) ADC7802 Datasheet HTML 7Page - Burr-Brown (TI) ADC7802 Datasheet HTML 8Page - Burr-Brown (TI) ADC7802 Datasheet HTML 9Page - Burr-Brown (TI) ADC7802 Datasheet HTML 10Page - Burr-Brown (TI) ADC7802 Datasheet HTML 11Page - Burr-Brown (TI) ADC7802 Datasheet HTML 12Page - Burr-Brown (TI) ADC7802 Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
®
ADC7802
INPUT PROTECTION
The input signal range must not exceed
±V
REF or VA by more
than 0.3V.
The analog inputs are internally clamped to V
A. To prevent
damage to the ADC7802, the current that can flow into the
inputs must be limited to 20mA. One approach is to use an
external resistor in series with the input filter resistor. For
example, a 1k
Ω input resistor allows an overvoltage to 20V
without damage.
REFERENCE INPUTS
A 10
µF tantalum capacitor is recommended between V
REF+
and V
REF– to insure low source impedance. These capacitors
should be located as close as possible to the ADC7802 to
reduce dynamic errors, since the reference provides packets
of current as the successive approximation steps are carried
out.
V
REF+ must not exceed VA. Although the accuracy is speci-
fied with V
REF+ = 5V and VREF– = 0V, the converter can
function with V
REF+ as low as 2.5V and VREF– as high as 1V.
As long as there is at least a 2.5V difference between V
REF+
and V
REF–, the absolute value of errors does not change
significantly, so that accuracy will typically be within
±1LSB. (1/2LSB for a 5V span is 610µV, which is 1LSB for
a 2.5V span.)
The power supply to the reference source needs to be consid-
ered during system design to prevent V
REF+ from exceeding
(or overshooting) V
A, particularly at power-on. Also, after
power-on, if the reference is not stable within 42,425 clock
cycles, an additional calibration cycle may be needed.
POWER SUPPLIES
The digital and analog power supply lines to the ADC7802
should be bypassed with 10
µF tantalum capacitors as close
to the part as possible. Although ADC7802 has excellent
power supply rejection, even for higher frequencies, linear
regulated power supplies are recommended.
Care should be taken to insure that V
D does not come up
before V
A, or permanent damage to the part may occur.
Figure 10 shows a good supply approach, powering both V
A
and V
D from a clean linear supply, with the 10Ω resistor
between V
A and VD insuring that VD comes up after VA. This
is also a good method to further isolate the ADC7802 from
digital supplies in a system with significant switching cur-
rents that could degrade the accuracy of conversions.
GROUNDING
To maximize accuracy of the ADC7802, the analog and
digital grounds are not connected internally. These points
should have very low impedance to avoid digital noise
feeding back into the analog ground. The V
REF– pin is used as
the reference point for input signals, so it should be con-
nected directly to AGND to reduce potential noise problems.
EXTERNAL CLOCK OPERATION
The circuitry required to drive the ADC7802 clock from an
external source is shown in Figure 11a. The external clock
must provide a 0.8V max for LOW and a 3.5V min for
HIGH, with rise and fall times that do not exceed 200ns. The
minimum pulse width of the external clock must be 200ns.
Synchronizing the conversion clock to an external system
clock is recommended in microprocessor applications to
prevent beat-frequency problems.
Note that the electrical specification tables are based on
using an external 2MHz clock. Typically, the specified
accuracy is maintained for clock frequencies between 0.5
and 2.2MHz.
INTERNAL CLOCK OPERATION
Figure 11b shows how to use the internal clock generating
circuitry. The clock frequency depends only on the value of
the resistor, as shown in “Internal Clock Frequency vs
R
CLOCK” in the Typical Performance Curves section.
SFR
AIN0
AIN1
AIN2
AIN3
V
+
V
DGND
V
D7
D6
D5
D4
D3
V
AGND
CAL
A1
A0
CLK
BUSY
HBE
WR
CS
RD
D0
D1
D2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
REF
REF
D
A
+
10nF
10µF
+
10µF
10nF
+5V
10
5V
REF
+
10nF
10µF
FIGURE 10. Power Supply and Reference Decoupling.
FIGURE 11. Internal Clock Operation.
To ADC7802
Pin 23
CLK
74HC-Compatible
Clock Source
To ADC7802
Pin 23
+5V
R
f
CLOCK (in Hz) = 10 /R
11
(a) External Clock Operation
(b) Internal Clock Operation


Số phần tương tự - ADC7802

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
ADC78H89 NSC-ADC78H89 Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89 NSC-ADC78H89 Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC78H89 TI1-ADC78H89 Datasheet
1Mb / 23P
[Old version datasheet]   7-Channel, 500 KSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
828Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
ADC78H89CIMT NSC-ADC78H89CIMT Datasheet
825Kb / 16P
   7-Channel, 500 KSPS, 12-Bit A/D Converter
More results

Mô tả tương tự - ADC7802

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
ADS7832 BURR-BROWN-ADS7832 Datasheet
299Kb / 15P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
ADS7803 BURR-BROWN-ADS7803 Datasheet
99Kb / 13P
   Autocalibrating, 4-Channel, 12-Bit ANALOG-TO-DIGITAL CONVERTER
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850801XC DATEL-5962-8850801XC Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com