công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8S903F3 bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
STM8S903F3 bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
10 / 121 page Description STM8S903K3 STM8S903F3 10/121 DocID15590 Rev 10 2 Description The STM8S903K3/F3 access line 8-bit microcontrollers offer 8 Kbytes Flash program memory, plus integrated true data EEPROM. The STM8S microcontroller family reference manual (RM0016) refers to devices in this family as low-density. They provide the following benefits: performance, robustness, and reduced system cost. Device performance and robustness are ensured by advanced core and peripherals made in a state-of-the art technology, a 16 MHz clock frequency, robust I/Os, independent watchdogs with separate clock source, and a clock security system. The system cost is reduced thanks to an integrated true data EEPROM for up to 300 k write/erase cycles and a high system integration level with internal clock oscillators, watchdog and brown-out reset. Full documentation is offered as well as a wide choice of development tools. Table 1. STM8S903K3/F3 access line features Device STM8S903K3 STM8S903F3 Pin count 32 20 Maximum number of GPIOs (I/Os) 28(1) 1. Including 21 high-sink outputs 16(2) 2. Including 12 high-sink outputs Ext. interrupt pins 28 16 Timer CAPCOM channels 7 Timer complementary outputs 3 2 A/D converter channels 7 5 High sink I/Os 21 12 Low density Flash program memory (bytes) 8K Data EEPROM (bytes) 640(3) 3. No read-while-write (RWW) capability. RAM (bytes) 1K Peripheral set Multipurpose timer (TIM1), SPI, I2C, UART window WDG, independent WDG, ADC, PWM timer (TIM5), 8-bit timer (TIM6) |
Số phần tương tự - STM8S903F3 |
|
Mô tả tương tự - STM8S903F3 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |