công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74ACT245DWG bảng dữ liệu(PDF) 1 Page - ON Semiconductor

tên linh kiện MC74ACT245DWG
Giải thích chi tiết về linh kiện  Octal Bidirectional Transceiver with 3-State Inputs/Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74ACT245DWG bảng dữ liệu(HTML) 1 Page - ON Semiconductor

  MC74ACT245DWG Datasheet HTML 1Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 2Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 3Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 4Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 5Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 6Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 7Page - ON Semiconductor MC74ACT245DWG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2015
February, 2015 − Rev. 8
1
Publication Order Number:
MC74AC245/D
MC74AC245, MC74ACT245
Octal Bidirectional
Transceiver with 3-State
Inputs/Outputs
The MC74AC245/74ACT245 contains eight non−inverting
bidirectional buffers with 3−state outputs and is intended for
bus−oriented applications. Current sinking capability is 24 mA at both
the A and B ports. The Transmit/Receive (T/R) input determines the
direction of data flow through the bidirectional transceiver. Transmit
(active−HIGH) enables data from A ports to B ports; Receive
(active−LOW) enables data from B ports to A ports. The Output
Enable input, when HIGH, disables both A and B ports by placing
them in a High Z condition.
Features
Noninverting Buffers
Bidirectional Data Path
A and B Outputs Source/Sink 24 mA
′ACT245 has TTL Compatible Inputs
These are Pb−Free Devices
PIN ASSIGNMENT
PIN
FUNCTION
OE
Output Enable Input
T/R
Transmit/Receive Input
A0−A7
Side A 3−State Inputs or 3−State Outputs
B0−B7
Side B 3−State Inputs or 3−State Outputs
TRUTH TABLES
Inputs
Outputs
OE
T/R
L
L
Bus B Data to Bus A
L
H
Bus A Data to Bus B
H
X
High Z State
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial
Figure 1.
19
20
18
17
16
15
14
2
1
3
4567
VCC
13
8
12
9
11
10
OE
B0
B1
B2
B3
B4
B5
B6
B7
T/R
A0
A1
A2
A3
A4
A5
A6
A7
GND
www.onsemi.com
SOIC−20W
DW SUFFIX
CASE 751D
TSSOP−20
DT SUFFIX
CASE 948E
1
1
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
See general marking information in the device marking
section on page 7 of this data sheet.
DEVICE MARKING INFORMATION


Số phần tương tự - MC74ACT245DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74ACT245DWG ONSEMI-MC74ACT245DWG Datasheet
112Kb / 10P
   Octal Bidirectional Transceiver with 3?뭆tate Inputs/Outputs
November, 2006 ??Rev. 7
More results

Mô tả tương tự - MC74ACT245DWG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74F545 PHILIPS-74F545 Datasheet
84Kb / 10P
   Octal bidirectional transceiver with 3-State inputs/outputs
1990 Mar 01
logo
Fairchild Semiconductor
74AC245SCX FAIRCHILD-74AC245SCX Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC54F245 MOTOROLA-MC54F245 Datasheet
38Kb / 2P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245_10 Datasheet
415Kb / 12P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
74AC245 FAIRCHILD-74AC245_05 Datasheet
117Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
ON Semiconductor
MC74AC245 ONSEMI-MC74AC245 Datasheet
102Kb / 12P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC245 FAIRCHILD-74AC245 Datasheet
101Kb / 10P
   Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
logo
Motorola, Inc
MC74F1245 MOTOROLA-MC74F1245 Datasheet
96Kb / 3P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 3-STATE INPUTS/OUTPUTS
logo
AVG Semiconductors(HITE...
DV74ACT245 AVG-DV74ACT245 Datasheet
327Kb / 5P
   Octal bidirectional Transceiver with 3-State Inputs/Outputs
logo
Fairchild Semiconductor
74LVT245 FAIRCHILD-74LVT245 Datasheet
83Kb / 8P
   Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com