công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74AC377DTR2G bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
MC74AC377DTR2G bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
5 / 9 page MC74AC377, MC74ACT377 www.onsemi.com 5 74ACT − DC CHARACTERISTICS Symbol Parameter VCC (V) TA = +255C TA = −40 5C to +855C Unit Conditions Typ Guaranteed Limits VIH Minimum High Level Input Voltage 4.5 5.5 1.5 1.5 2.0 2.0 2.0 2.0 V VOUT = 0.1 V or VCC − 0.1 V VIL Maximum Low Level Input Voltage 4.5 5.5 1.5 1.5 0.8 0.8 0.8 0.8 V VOUT = 0.1 V or VCC − 0.1 V VOH Minimum High Level Output Voltage 4.5 5.5 4.49 5.49 4.4 5.4 4.4 5.4 V IOUT = −50 mA 4.5 5.5 − 3.86 4.86 3.76 4.76 V *VIN = VIL or VIH −24 mA IOH −24 mA VOL Maximum Low Level Output Voltage 4.5 5.5 0.001 0.001 0.1 0.1 0.1 0.1 V IOUT = 50 mA 4.5 5.5 − 0.36 0.36 0.44 0.44 V *VIN = VIL or VIH −24 mA IOH −24 mA IIN Maximum Input Leakage Current 5.5 − ±0.1 ±1.0 mA VI = VCC, GND DICCT Additional Max ICC/Input 5.5 0.6 − 1.5 mA VI = VCC − 2.1 V IOLD IOHD †Minimum Dynamic Output Current 5.5 − − 75 −75 mA VOLD = 1.65 V Max VOHD = 3.85 V Min ICC Maximum Quiescent Supply Current 5.5 − 8.0 80 mA VIN = VCC or GND *All outputs loaded; thresholds on input associated with output under test. †Maximum test duration 2.0 ms, one output loaded at a time. 74ACT − AC CHARACTERISTICS For Figures and Waveforms — See Figures 4, 5, and 6. Symbol Parameter VCC* (V) TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Unit Min Typ Max Min Max fmax Maximum Clock Frequency 5.0 140 − − 125 − MHz tPLH Propagation Delay CP to Qn 5.0 3.0 − 9.0 2.5 10 ns tPHL Propagation Delay CP to Qn 5.0 3.5 − 10 2.5 11 ns *Voltage Range 5.0 V is 5.0 V ±0.5 V. 74ACT − AC OPERATING REQUIREMENTS Symbol Parameter VCC* (V) TA = +25°C CL = 50 pF TA = −40°C to +85°C CL = 50 pF Unit Typ Guaranteed Minimum ts Setup Time, HIGH or LOW Dn to CP 5.0 − 4.5 5.5 ns th Hold Time, HIGH or LOW Dn to CP 5.0 − 1.0 1.0 ns ts Setup Time, HIGH or LOW CE to CP 5.0 − 4.5 5.5 ns th Hold Time, HIGH or LOW CE to CP 5.0 − 1.0 1.0 ns tw CP Pulse Width HIGH or LOW 5.0 − 4.0 4.5 ns *Voltage Range 5.0 V is 5.0 V ±0.5 V. CAPACITANCE Symbol Parameter Value Typ Unit Test Conditions CIN Input Capacitance 4.5 pF VCC = 5.0 V CPD Power Dissipation Capacitance 90 pF VCC = 5.0 V |
Số phần tương tự - MC74AC377DTR2G |
|
Mô tả tương tự - MC74AC377DTR2G |