công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8AL3xE8x bảng dữ liệu(PDF) 11 Page - STMicroelectronics

tên linh kiện STM8AL3xE8x
Giải thích chi tiết về linh kiện  device limitations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3xE8x bảng dữ liệu(HTML) 11 Page - STMicroelectronics

Back Button STM8AL3xE8x Datasheet HTML 7Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 8Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 9Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 10Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 11Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 12Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 13Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 14Page - STMicroelectronics STM8AL3xE8x Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID17922 Rev 6
11/18
STM8AL3xxx STM8L052R8 STM8L1xxx6/8
Silicon limitations
17
1.2
System limitations
1.2.1
Default DAC output level when output buffer is enabled
Description
When the DAC is enabled in buffered mode configuration, the output is set to a voltage
which corresponds to the code 0xFFF, whatever the data output register value. The output
recovers the correct voltage as soon as a new data is written into the data holding register.
Workaround
None.
The following software sequence must be executed at the highest speed to limit the duration
of this transient behavior:
DAC->CR1=01; //Enable DAC
DAC->DHR8 = 0x0; //Update the data holding register with 0 (as
an example), or with any other data.
Note:
The DAC in unbuffered mode is not affected by this limitation.
1.2.2
32.768 kHz LSE crystal accuracy may be disturbed by the use of
adjacent I/Os
Description
The activity on the PC4 and PC7 I/Os (input or output) can lead to missing pulses on the low
speed external oscillator (32.768 kHz external crystal).
Workaround
None.
If a high LSE accuracy is required, PC4 and PC7 must be tied to VDD or VSS.
No fix planned for this limitation.
1.2.3
RTC LSE failure can be detected just once after power-on reset
Description
When the CSS on LSE is enabled (CSSEN=1 in CSSLSE_CSR), the CSS on LSE Flag
(CSSF) can be set only once after power-on reset. Consequently, in case of several LSE
perturbations in the application, only the first one can be detected and set the CSSF flag.
Workaround
None.
No fix planned for this limitation.


Số phần tương tự - STM8AL3xE8x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8AL3136 STMICROELECTRONICS-STM8AL3136 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL3138 STMICROELECTRONICS-STM8AL3138 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL313X STMICROELECTRONICS-STM8AL313X Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL3146 STMICROELECTRONICS-STM8AL3146 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL3148 STMICROELECTRONICS-STM8AL3148 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
More results

Mô tả tương tự - STM8AL3xE8x

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8S207MB STMICROELECTRONICS-STM8S207MB Datasheet
84Kb / 8P
   STM8S performance line revision X device limitations
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
   Respects source limitations
August 2008 Rev 1
logo
Burr-Brown (TI)
AB-039 BURR-BROWN-AB-039 Datasheet
52Kb / 6P
   POWER AMPLIFIER STRESS AND POWER HANDLING LIMITATIONS
logo
THOR communications
F-HDMI THOR-F-HDMI Datasheet
952Kb / 1P
   Thor F-HDMI-SMSC fiber extenders eliminate the limitations of traditional multimode or CAT5 HDMI extenders.
logo
National Semiconductor ...
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
   CRD Device (FDDI Clock Recovery Device)
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
   CDD Device (FDDI Clock Distribution Device)
logo
STMicroelectronics
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
   Bidirectional device
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
   Device Qualification
logo
List of Unclassifed Man...
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
   Acoustic device,
logo
Texas Instruments
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com