công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC74LVXT4052DTG bảng dữ liệu(PDF) 3 Page - ON Semiconductor

tên linh kiện MC74LVXT4052DTG
Giải thích chi tiết về linh kiện  Analog Multiplexer/ Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4052DTG bảng dữ liệu(HTML) 3 Page - ON Semiconductor

  MC74LVXT4052DTG Datasheet HTML 1Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 2Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 3Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 4Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 5Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 6Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 7Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 8Page - ON Semiconductor MC74LVXT4052DTG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC74LVXT4052
www.onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
−7.0 to +0.5
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
−0.5 to +7.0
−0.5 to +7.0
V
VIS
Analog Input Voltage
VEE − 0.5 to VCC + 0.5
V
VIN
Digital Input Voltage
(Referenced to GND)
−0.5 to 7.0
V
I
DC Current, Into or Out of Any Pin
±20
mA
TSTG
Storage Temperature Range
−65 to +150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature under Bias
+150
_C
qJA
Thermal Resistance
SOIC
TSSOP
143
164
°C/W
PD
Power Dissipation in Still Air,
SOIC
TSSOP
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94−V0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
u2000
u200
u1000
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 4)
±300
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
3. Tested to JESD22−C101−A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
−6.0
GND
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
2.5
2.5
6.0
6.0
V
VIS
Analog Input Voltage
VEE
VCC
V
VIN
Digital Input Voltage
(Note 5) (Referenced to GND)
0
6.0
V
TA
Operating Temperature Range, All Package Types
−55
125
_C
tr, tf
Input Rise/Fall Time
VCC = 3.0 V ± 0.3 V
(Channel Select or Enable Inputs)
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
5. Unused inputs may not be left open. All inputs must be tied to a high−logic voltage level or a low−logic input voltage level.
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 2. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Số phần tương tự - MC74LVXT4052DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT4052DT ONSEMI-MC74LVXT4052DT Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVXT4052DT ONSEMI-MC74LVXT4052DT Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052DTR2 ONSEMI-MC74LVXT4052DTR2 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVXT4052DTR2 ONSEMI-MC74LVXT4052DTR2 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
More results

Mô tả tương tự - MC74LVXT4052DTG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
MC74LVXT8051 ONSEMI-MC74LVXT8051_11 Datasheet
185Kb / 13P
   Analog Multiplexer/Demultiplexer
May, 2011 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com