công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM8AL3XXX bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện STM8AL3XXX
Giải thích chi tiết về linh kiện  device limitations
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8AL3XXX bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  STM8AL3XXX Datasheet HTML 1Page - STMicroelectronics STM8AL3XXX Datasheet HTML 2Page - STMicroelectronics STM8AL3XXX Datasheet HTML 3Page - STMicroelectronics STM8AL3XXX Datasheet HTML 4Page - STMicroelectronics STM8AL3XXX Datasheet HTML 5Page - STMicroelectronics STM8AL3XXX Datasheet HTML 6Page - STMicroelectronics STM8AL3XXX Datasheet HTML 7Page - STMicroelectronics STM8AL3XXX Datasheet HTML 8Page - STMicroelectronics STM8AL3XXX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
September 2015
DocID17922 Rev 6
1/18
1
STM8AL3xxx STM8Lxxxx6/8
Errata sheet
STM8AL318x, STM8AL3L8x, STM8AL3xE8x, STM8L052R8,
STM8L15xx6/8 and STM8L162x8 device limitations
Silicon identification
This errata sheet applies to the revision Z of STMicroelectronics STM8L052R8,
STM8L15xM8/R8/C8/R6, STM8L162x8, STM8AL318x, STM8AL3L8x and STM8AL3xE8x
devices.
The products are identifiable as shown in Table 1:
by the revision code marked below the product identification area on the package
by the last three digits of the Internal order code printed on the box label
.
Table 1. Device identification(1)
1.
Refer to STM8AL3xxxx, STM8L052R8, STM8L15xx6/8 and STM8L162x8 product datasheets for details on
the device marking.
Part number
Revision code marked on device
STM8L052R8
“Z”
STM8L151M8, STM8L152M8, STM8L151R8, STM8L152R8,
STM8L151C8, STM8L152C8, STM8L151R6, STM8L152R6,
STM8L162M8, STM8L162R8
“Z”
STM8AL318x, STM8AL3L8x, STM8AL3xE8x
“Z”
Table 2. Device summary
Reference
Part number
STM8L052R8
STM8L052R8
STM8L15xM8
STM8L151M8, STM8L152M8
STM8L15xR8
STM8L151R8, STM8L152R8
STM8L15xC8
STM8L151C8, STM8L152C8
STM8L15xR6
STM8L151R6, STM8L152R6
STM8L162x8
STM8L162M8, STM8L162R8
STM8AL318x
STM8AL3188, STM8AL3189, STM8AL318A
STM8AL3L8x
STM8AL3L88, STM8AL3L89, STM8AL3L8A
STM8AL3xE8x
STM8AL31E88, STM8AL31E89, STM8AL31E8A, STM8AL3LE88,
STM8AL3LE89, STM8AL3LE8A
www.st.com


Số phần tương tự - STM8AL3XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8AL3136 STMICROELECTRONICS-STM8AL3136 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL3138 STMICROELECTRONICS-STM8AL3138 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL313X STMICROELECTRONICS-STM8AL313X Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL3146 STMICROELECTRONICS-STM8AL3146 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
STM8AL3148 STMICROELECTRONICS-STM8AL3148 Datasheet
1Mb / 124P
   Automotive 8-bit ultra-low-power MCU, up to 32 Kbyte Flash, RTC, data EEPROM, LCD, timers, USART, I2C, SPI, ADC, DAC, COMPs
More results

Mô tả tương tự - STM8AL3XXX

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
STM8S207MB STMICROELECTRONICS-STM8S207MB Datasheet
84Kb / 8P
   STM8S performance line revision X device limitations
STEVAL-TSP001V1 STMICROELECTRONICS-STEVAL-TSP001V1 Datasheet
94Kb / 4P
   Respects source limitations
August 2008 Rev 1
logo
Burr-Brown (TI)
AB-039 BURR-BROWN-AB-039 Datasheet
52Kb / 6P
   POWER AMPLIFIER STRESS AND POWER HANDLING LIMITATIONS
logo
THOR communications
F-HDMI THOR-F-HDMI Datasheet
952Kb / 1P
   Thor F-HDMI-SMSC fiber extenders eliminate the limitations of traditional multimode or CAT5 HDMI extenders.
logo
National Semiconductor ...
DP83231 NSC-DP83231 Datasheet
209Kb / 16P
   CRD Device (FDDI Clock Recovery Device)
DP83241 NSC-DP83241 Datasheet
258Kb / 20P
   CDD Device (FDDI Clock Distribution Device)
logo
STMicroelectronics
ESDAVLC6-1BV2 STMICROELECTRONICS-ESDAVLC6-1BV2 Datasheet
129Kb / 9P
   Bidirectional device
logo
TriQuint Semiconductor
TQ8223 TRIQUINT-TQ8223 Datasheet
580Kb / 5P
   Device Qualification
logo
List of Unclassifed Man...
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
   Acoustic device,
logo
Texas Instruments
OMAP4460 TI1-OMAP4460 Datasheet
7Mb / 444P
[Old version datasheet]   Multimedia Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com