công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC74LVXT4053DTG bảng dữ liệu(PDF) 2 Page - ON Semiconductor |
|
MC74LVXT4053DTG bảng dữ liệu(HTML) 2 Page - ON Semiconductor |
2 / 14 page MC74LVXT4053 www.onsemi.com 2 X = Don’t Care Figure 1. Logic Diagram Triple Single−Pole, Double−Position Plus Common Off L L L L H H H H X L L H H L L H H X L H L H L H L H X FUNCTION TABLE Control Inputs ON Channels Enable Select CBA L L L L L L L L H Z0 Z0 Z0 Z0 Z1 Z1 Z1 Z1 Y0 Y0 Y1 Y1 Y0 Y0 Y1 Y1 X0 X1 X0 X1 X0 X1 X0 X1 NONE X0 12 X1 13 A 11 B 10 C 9 ENABLE 6 X SWITCH Y SWITCH X 14 ANALOG INPUTS/OUTPUTS CHANNEL-SELECT INPUTS PIN 16 = VCC PIN 8 = GND PIN 7 = VEE COMMON OUTPUTS/INPUTS Y0 2 Y1 1 Y 15 Z0 5 Z1 3 Z 4 Z SWITCH NOTE: This device allows independent control of each switch. Channel−Select Input A controls the X−Switch, Input B controls the Y−Switch and Input C controls the Z−Switch. ORDERING INFORMATION Device Package Shipping† MC74LVXT4053DG SOIC−16 (Pb−Free) 48 Units / Rail MC74LVXT4053DR2G SOIC−16 (Pb−Free) 2500 Tape & Reel MC74LVXT4053DTG TSSOP−16 (Pb−Free) 96 Units / Rail MC74LVXT4053DTRG TSSOP−16 (Pb−Free) 2500 Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Số phần tương tự - MC74LVXT4053DTG |
|
Mô tả tương tự - MC74LVXT4053DTG |