công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LC201S bảng dữ liệu(PDF) 3 Page - Sanken electric

tên linh kiện LC201S
Giải thích chi tiết về linh kiện  Power Supply IC for Microcomputer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SANKEN [Sanken electric]
Trang chủ  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

LC201S bảng dữ liệu(HTML) 3 Page - Sanken electric

  LC201S Datasheet HTML 1Page - Sanken electric LC201S Datasheet HTML 2Page - Sanken electric LC201S Datasheet HTML 3Page - Sanken electric LC201S Datasheet HTML 4Page - Sanken electric LC201S Datasheet HTML 5Page - Sanken electric LC201S Datasheet HTML 6Page - Sanken electric LC201S Datasheet HTML 7Page - Sanken electric LC201S Datasheet HTML 8Page - Sanken electric LC201S Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LC201S
LC201S-DS Rev.1.2
SANKEN ELECTRIC CO.,LTD.
3
Mar. 30, 2016
1. Absolute Maximum Ratings
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified T
A = 25 °C
Characteristic
Symbol
Test Conditions
Pins
Rating
Units
ST Pin Voltage
VST
1-8
600
V
OUT1 Pin Voltage
VOUT1
1-5
35
V
OUT2 Pin Voltage
VOUT2
1-4
− 0.3 to 7.0
V
SL Pin Voltage
VSL
1-2
− 0.3 to 5.0
V
SINK Pin Voltage
VSINK
1-3
20
V
SINK Pin Sink Current
ISINK
1-3
1.2
mA
OUT1 Pin Sink Current
IOUT1
1-5
1.5
mA
OUT2 Pin Sink Current
(without auxiliary winding)
IOUT2-N
1-4
1.5
mA
OUT22 Pin Sink Current
(with auxiliary winding)
IOUT2-A
1-4
10
mA
Operating Ambient Temperature
Top
− 55 to 125
°C
Storage Temperature
Tstg
− 55 to 125
°C
Junction Temperature
Tj
150
°C
2. Electrical Characteristics
The polarity value for current specifies a sink as "+," and a source as "−," referencing the IC.
Unless otherwise specified, T
A = 25 °C
Characteristic
Symbol
Test Conditions
Pins
Rating
Units
M i n .
Typ.
Max.
Power Supply Startup Operation
OUT2 Pin Output Voltage
VOUT2
VST = 60 V
1 – 4
4.5
5.0
5.5
V
SL Pin High Threshold Voltage
VSL(H)
1-2
1.5
V
SL Pin Low Threshold Voltage
VSL(L)
1-2
0.5
V
Startup Current
IST
1 – 5
1.5
6.5
mA
In case SL pin is Open
Startup Circuit Operation
Voltage
VSTON(OP)
1 – 8
13
17
21
V
OUT1 Pin Output Voltage
VOUT1(OP)
VST = 60 V
1 – 5
8.0
9.0
10.0
V
UVLO Operation Stop Voltage
VUVH(OP)
1 – 3
6.5
8.0
9.5
V
UVLO Operation Start Voltage
VUVL(OP)
1 – 3
6.0
7.5
9.0
V
In case SL pin is GND
Startup Circuit Operation
Voltage
VSTON(SH)
1 – 8
26
30
34
V
OUT1 Pin Output Voltage
VOUT1(SH)
VST = 60 V
1 – 5
18
20
22
V
UVLO Operation Stop Voltage
VUVH(SH)
1 – 3
15
18
21
V
UVLO Operation Start Voltage
VUVL(SH)
1 – 3
13
16
19
V
Thermal Characteristics
Junction to Case Thermal
Resistance
*
θ
j-C
45
°C/W
* Case temperature (TC) measured at the center of the case top surface


Số phần tương tự - LC201S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Seoul Semiconductor
LC201 SEOUL-LC201 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC201 SEOUL-LC201 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC201 SEOUL-LC201 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Mô tả tương tự - LC201S

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Toshiba Semiconductor
TB7109F TOSHIBA-TB7109F Datasheet
486Kb / 15P
   Power supply IC for LNB
logo
Renesas Technology Corp
RNA53A27F RENESAS-RNA53A27F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F_15 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A27F RENESAS-RNA53A27F_15 Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
RNA53A30F RENESAS-RNA53A30F Datasheet
91Kb / 7P
   System Organizer IC for Dedicate Microcomputer
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-05 ISAHAYA-YS243DS-05 Datasheet
102Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DD-12 ISAHAYA-YS243DD-12 Datasheet
103Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com