công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TL431ZLS bảng dữ liệu(PDF) 10 Page - IK Semicon Co., Ltd

tên linh kiện TL431ZLS
Giải thích chi tiết về linh kiện  Programmable Precision Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IKSEMICON [IK Semicon Co., Ltd]
Trang chủ  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

TL431ZLS bảng dữ liệu(HTML) 10 Page - IK Semicon Co., Ltd

Back Button TL431ZLS Datasheet HTML 5Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 6Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 7Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 8Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 9Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 10Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 11Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 12Page - IK Semicon Co., Ltd TL431ZLS Datasheet HTML 13Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TL431Z
2011, January, rev. 03
Figure 31. Simplified TL431Z Device Model
Figure 32. Example 1
Circuit Open Loop Gain Plot
Figure 33. Example 2
Circuit Open Loop Gain Plot
Example 2.
IC = 7.5 mA, RL = 2.2 k
Ω, CL = 0.01 μF.
Cathode tied to reference input pin. An examination of
the data sheet stability boundary curve (Figure 15)
shows that this value of load capacitance and cathode
current is on the boundary. Define the transfer gain.
The DC gain is:
G = GMRGMGoRL =
(2.323)(1.0 M)(1.25 μ)(2200) = 6389 = 76 dB
The resulting open loop Bode plot is shown in Figure 33.
The asymptotic plot may be expressed as the following
equation:
Note that the transfer function now has an extra pole
formed by the load capacitance and load resistance.
Note that the crossover frequency in this case is about
250 kHz, having a phase margin of about –46 degrees.
Therefore, instability of this circuit is likely.
With three poles, this system is unstable. The only hope for
stabilizing this circuit is to add a zero. However, that can only
be done by adding a series resistance to the output
capacitance, which will reduce its effectiveness as a noise
filter. Therefore, practically, in reference voltage applications,
the best solution appears to be to use a smaller value of
capacitance in low noise applications or a very large value to
provide noise filtering and a dominant pole rolloff of the
system.


Số phần tương tự - TL431ZLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
IK Semicon Co., Ltd
TL431ZLS IKSEMICON-TL431ZLS Datasheet
569Kb / 14P
   Programmable Precision Reference
More results

Mô tả tương tự - TL431ZLS

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
TL431L UTC-TL431L_11 Datasheet
231Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431_102 TI-TL431_102 Datasheet
1Mb / 76P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Weitron Technology
WT431LT1 WEITRON-WT431LT1 Datasheet
591Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431 TI1-TL1431_12 Datasheet
812Kb / 27P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
TL431H UTC-TL431H Datasheet
197Kb / 6P
   PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL1431M TI-TL1431M_15 Datasheet
1Mb / 32P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
TL1431-Q1 TI-TL1431-Q1_15 Datasheet
232Kb / 19P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
logo
Hangzhou Youwang Electr...
UTC431 YOUWANG-UTC431 Datasheet
97Kb / 4P
   PROGRAMMABLE PRECISION REFERENCE
logo
Shanghai Leiditech Elec...
LR431ATLT1G LEIDITECH-LR431ATLT1G Datasheet
831Kb / 5P
   PROGRAMMABLE PRECISION REFERENCE
logo
Dongguan Pingjingsemi T...
TL432 PJSEMI-TL432 Datasheet
1Mb / 4P
   Programmable Precision Reference
logo
Texas Instruments
TL1431 TI-TL1431 Datasheet
268Kb / 18P
[Old version datasheet]   PRECISION PROGRAMMABLE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com