công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADAU1382 bảng dữ liệu(PDF) 11 Page - Analog Devices

tên linh kiện ADAU1382
Giải thích chi tiết về linh kiện  Low Noise Stereo Codec with Recording and Playback Processing
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADAU1382 bảng dữ liệu(HTML) 11 Page - Analog Devices

Back Button ADAU1382 Datasheet HTML 7Page - Analog Devices ADAU1382 Datasheet HTML 8Page - Analog Devices ADAU1382 Datasheet HTML 9Page - Analog Devices ADAU1382 Datasheet HTML 10Page - Analog Devices ADAU1382 Datasheet HTML 11Page - Analog Devices ADAU1382 Datasheet HTML 12Page - Analog Devices ADAU1382 Datasheet HTML 13Page - Analog Devices ADAU1382 Datasheet HTML 14Page - Analog Devices ADAU1382 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
ADAU1382
Rev. 0| Page 11 of 84
DIGITAL TIMING SPECIFICATIONS
−25°C < TA < +85°C, IOVDD = 1.62 V to 3.63 V, unless otherwise specified.
Table 7. Digital Timing
Limit
Parameter
tMIN
tMAX
Unit
Description
MASTER CLOCK
tMP
50
90.9
ns
Master clock (MCLK) period (that is, period of the signal input to MCKI).
Duty Cycle
30
70
%
SERIAL PORT
tBIL
10
ns
BCLK pulse width low.
tBIH
10
ns
BCLK pulse width high.
tLIS
5
ns
LRCLK setup. Time to BCLK rising.
tLIH
5
ns
LRCLK hold. Time from BCLK rising.
tSIS
5
ns
DAC_SDATA setup. Time to BCLK rising.
tSIH
5
ns
DAC_SDATA hold. Time from BCLK rising.
tSODM
70
ns
ADC_SDATA delay. Time from BCLK falling in master mode.
SPI PORT
fCCLK,R
5
MHz
CCLK frequency, read operation, IOVDD = 1.8 V ± 10%.
fCCLK,R
10
MHz
CCLK frequency, read operation, IOVDD = 3.3 V ± 10%.
fCCLK,W
25
MHz
CCLK frequency, write operation, IOVDD = 1.8 V ± 10%.
fCCLK,W
25
MHz
CCLK frequency, write operation, IOVDD = 3.3 V ± 10%.
tCCPL
10
ns
CCLK pulse width low.
tCCPH
10
ns
CCLK pulse width high.
tCLS
10
ns
CLATCH setup. Time to CCLK rising.
tCLH
5
ns
CLATCH hold. Time from CCLK rising.
tCLPH
10
ns
CLATCH pulse width high.
tCDS
5
ns
CDATA setup. Time to CCLK rising.
tCDH
5
ns
CDATA hold. Time from CCLK rising.
tCOD
70
COUT delay from CCLK edge to valid data, IOVDD = 1.8 V ± 10%.
40
ns
COUT delay from CCLK edge to valid data, IOVDD = 3.3 V ± 10%.
I2C PORT
fSCL
400
kHz
SCL frequency.
tSCLH
0.6
μs
SCL high.
tSCLL
1.3
μs
SCL low.
tSCS
0.6
μs
Setup time; relevant for repeated start condition.
tSCH
0.6
μs
Hold time. After this period, the first clock is generated.
tDS
100
ns
Data setup time.
tSCR
300
ns
SCL rise time.
tSCF
300
ns
SCL fall time.
tSDR
300
ns
SDA rise time.
tSDF
300
ns
SDA fall time.
tBFT
0.6
μs
Bus-free time. Time between stop and start.
DIGITAL MICROPHONE
RL = 1 MΩ, CL = 14 pF.
tDCF
10
ns
Digital microphone clock fall time.
tDCR
10
ns
Digital microphone clock rise time.
tDDV
22
30
ns
Digital microphone delay time for valid data.
tDDH
0
12
ns
Digital microphone delay time for data three-stated.


Số phần tương tự - ADAU1382

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1381 AD-ADAU1381 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
ADAU1381BCBZ-RL AD-ADAU1381BCBZ-RL Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
ADAU1381BCBZ-RL7 AD-ADAU1381BCBZ-RL7 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
ADAU1381BCPZ AD-ADAU1381BCPZ Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
ADAU1381BCPZ-RL AD-ADAU1381BCPZ-RL Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
More results

Mô tả tương tự - ADAU1382

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Analog Devices
ADAU1381 AD-ADAU1381 Datasheet
1Mb / 84P
   Low Noise Stereo Codec with Enhanced Recording and Playback Processing
REV. 0
ADAU1781 AD-ADAU1781 Datasheet
944Kb / 88P
   Low Noise Stereo Codec with SigmaDSP Processing Core
Rev. 0
logo
Sanyo Semicon Device
LA4583M SANYO-LA4583M Datasheet
773Kb / 32P
   Compact Cassette Stereo Recording and Playback System
logo
Panasonic Semiconductor
AN3266FAP PANASONIC-AN3266FAP Datasheet
80Kb / 8P
   Video luminance signal recording/playback processing IC
logo
Analog Devices
ADAU1781 AD-ADAU1781_17 Datasheet
963Kb / 93P
   Low Noise Stereo Codec
logo
Panasonic Semiconductor
AN6210 PANASONIC-AN6210 Datasheet
511Kb / 6P
   DUAL RECORDING AND PLAYBACK AMPLIFIER CIRCUIT FOR STEREO TAPE RECORDERS
logo
Aplus Intergrated Circu...
APR6008 APLUS-APR6008 Datasheet
2Mb / 23P
   Voice Recording & Playback Device Voice Recording & Playback Device
logo
Sony Corporation
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
logo
OKI electronic componet...
MSM9841 OKI-MSM9841 Datasheet
127Kb / 9P
   Recording and Playback LSI with Built-in FIFO
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com