công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14C88-L35I bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện STK14C88-L35I
Giải thích chi tiết về linh kiện  32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-L35I bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  STK14C88-L35I Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-L35I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
STK14C88
December 2002
4
Document Control # ML0014 rev 0.0
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)e
Note j:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note k: E or W must be
≥ VIH during address transitions.
Note l:
HSB must be high during SRAM WRITE cycles.
SRAM WRITE CYCLE #1: W Controlledk, l
SRAM WRITE CYCLE #2: E Controlledk, l
NO.
SYMBOLS
PARAMETER
STK14C88-25
STK14C88-35
STK14C88-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
35
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
25
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
25
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
12
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
25
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
0
ns
20
tWLQZi, j
tWZ
Write Enable to Output Disable
10
13
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA IN
12
tAVAV
16
tEHDX
13
tWLEH
19
tEHAX
18
tAVEL
17
tAVEH
DATA VALID
15
tDVEH
HIGH IMPEDANCE
14
tELEH
DATA OUT
E
ADDRESS
W
DATA IN


Số phần tương tự - STK14C88-L35I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK14C88-L SIMTEK-STK14C88-L Datasheet
31Kb / 2P
   Statement of Material Content Ceramic LCC Packages
STK14C88-LF25 SIMTEK-STK14C88-LF25 Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-LF25I SIMTEK-STK14C88-LF25I Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-LF25ITR SIMTEK-STK14C88-LF25ITR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
STK14C88-LF25TR SIMTEK-STK14C88-LF25TR Datasheet
397Kb / 19P
   32Kx8 AutoStore nvSRAM
More results

Mô tả tương tự - STK14C88-L35I

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com