công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4XR01T3V130 bảng dữ liệu(PDF) 11 Page - Holtek Semiconductor Inc

tên linh kiện 4XR01T3V130
Giải thích chi tiết về linh kiện  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

4XR01T3V130 bảng dữ liệu(HTML) 11 Page - Holtek Semiconductor Inc

Back Button 4XR01T3V130 Datasheet HTML 7Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 8Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 9Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 10Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 11Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 12Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 13Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 14Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Absolute Maximum Ratings
The Absolute Maximum Ratings must be checked for discrepancies and the necessary care taken in
device handling and usage.
Power Supply
Examination of the block diagram will reveal that the Power Supply and Ground pins of the RF
Transmitter and MCU are independent and must be connected together if they are to share the same
power supply. If the same power supply is to be used for both chips then care must be taken as both
have different power supply requirements.
When calculating the total current consumption of the device, the internal DC specification currents
for the MCU and RF parts must be added together.
The RF data to be transmitted is derived from the PB1 line. When the PB1 line is high the device will
transmit allowing users to program their encoded data on this line. If the RF transmitter is in its
standby mode then there will be a delay of about 500
ms before transmission begins. When the device
is transmitting, a synchronising signal will be generated on the CREF/PB0 pin which allows the
MCU to use it to calibrate its internal RC oscillator. To avoid the RF circuits entering an unknown
state, pin PB1 should be setup as an output as soon as possible after power-on.
To minimise power consumption, only when PB1 is high, can the RF signal be transmitted and the
reference clock on PB0 be generated. If no data transitions are generated on PB1 for 300~500ms, the
transmitter will enter a standby state and the RF circuits will be switched off along with the internal
PLL to save power. The signal generated on the CREF/PB0 line will also remain at a low level. The
internal PLL function is used to generate the RF frequency with a multiplier of 32 times the crystal
frequency. The relationship is: RF frequency = 32
´ Crystal frequency. Therefore a 9.84375MHz
crystal will generate an RF frequency of 315MHz and a13.56MHz crystal will generate an RF
frequency of 433.92MHz. All PLL circuits are contained within the device and the only external
component required is a suitable crystal.
Power Down and Wake up
It is important to note that if the MCU is powered down or placed into a low power mode to conserve
power, that the RF Transmitter may continue running and will consume a certain amount of power.
Before powering down the MCU it is important to carefully manage the PB1 pin to ensure the
RF-Transmitter enters its power down state.
Programming Considerations
As MCU lines PB0 and PB1 are used to control the RF transmitter function, care must be taken to
manage these lines correctly in the application program. As line PB1 is used to send data to the RF
circuitry this line must be setup as an output. To avoid erroneous operation of the RF circuits this line
should be setup as an output immediately after power-on. The PB0 pin on the MCU is used to receive
synchronising pulses from the RF circuits and should therefore be setup as an input.
As the MCU will be powered down independently of the RF Transmitter Peripheral Module, care must
be taken to ensure that the MCU first clears its PB1 line to zero before powering down. This will allow
the RF Transmitter Peripheral Module to enter its standby state and thus keep power consumption to a
minimum.
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
11
November 23, 2010


Mô tả tương tự - 4XR01T3V130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com