công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

4XR01T3V130 bảng dữ liệu(PDF) 5 Page - Holtek Semiconductor Inc

tên linh kiện 4XR01T3V130
Giải thích chi tiết về linh kiện  8-Bit OTP MCU with RF Transmitter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

4XR01T3V130 bảng dữ liệu(HTML) 5 Page - Holtek Semiconductor Inc

  4XR01T3V130 Datasheet HTML 1Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 2Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 3Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 4Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 5Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 6Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 7Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 8Page - Holtek Semiconductor Inc 4XR01T3V130 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PB1/DOUT
PB1
PBPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
Internally connected to DIN pin on RF module.
Must be setup as output for interfacing to RF module.
DOUT
¾¾
¾
Data output from MCU to RF module
Connected internally to PB1
PAOUT
PAOUT
¾¾
NSO
RF power amplifier output
XOUT
XOUT
¾¾
HXT
RF chip crystal pin
XIN
XIN
¾
HXT
¾
RF chip crystal pin
VDD
VDD
¾
PWR
¾
MCU power supply
VSS
VSS
¾
PWR
¾
MCU ground
AVDD
AVDD
¾
PWR
¾
RF chip power supply
AVSS
AVSS
¾
PWR
¾
RF chip ground
Note:
I/T: Input type
O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
CMOS: CMOS output
NSO: Non-standard output
HT48R01T3
Pin Name
Function
OPT
I/T
O/T
Description
PA0
PA0
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PA1/PFD
PA1
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
PFD
CTRL0
¾
CMOS PFD output
PA2/TMR0
PA2
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC0
¾
ST
¾
External Timer 0 clock input
PA3/INT
PA3
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
INT
¾
ST
¾
External interrupt input
PA4/TMR1
PA4
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
TC1
¾
ST
¾
External Timer 1 clock input
PA5/OSC2
PA5
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC2
CO
¾
OSC
Oscillator pin
PA6/OSC1
PA6
PAPU
PAWK
ST
CMOS General purpose I/O. Register enabled pull-up and wake-up.
OSC1
CO
OSC
¾
Oscillator pin
HT46R01T3/HT48R01T3
8-Bit OTP MCU with RF Transmitter
Rev. 1.30
5
November 23, 2010


Mô tả tương tự - 4XR01T3V130

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
   8-Bit OTP MCU with RF Transmitter
HT66F03T3 HOLTEK-HT66F03T3 Datasheet
152Kb / 14P
   8-Bit Flash MCU with RF Transmitter
logo
PADAUK Technology.
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
   8bit OTP MCU with 8-bit ADC
logo
Core Technology (Shenzh...
CSU8RP3115B CHIPSEA-CSU8RP3115B Datasheet
2Mb / 93P
   8 - bit RISC OTP MCU
logo
Holtek Semiconductor In...
BC48R2020 HOLTEK-BC48R2020 Datasheet
5Mb / 67P
   315/433MHz Remote RF TX 8-Bit OTP MCU
HT45R22E HOLTEK-HT45R22E Datasheet
432Kb / 72P
   Remote Type 8-bit OTP MCU with EEPROM
logo
Microchip Technology
PIC16C432 MICROCHIP-PIC16C432 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
2002
PIC16C432 MICROCHIP-PIC16C432_13 Datasheet
1Mb / 106P
   OTP 8-Bit CMOS MCU with LIN Transceiver
11/29/12 2000-2013
logo
Holtek Semiconductor In...
HT48R006 HOLTEK-HT48R006 Datasheet
451Kb / 72P
   Small Package 8-Bit OTP MCU
HT46R01B HOLTEK-HT46R01B Datasheet
425Kb / 71P
   Small Package 8-Bit OTP MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com