công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3-1393100-8 bảng dữ liệu(PDF) 2 Page - TE Connectivity Ltd |
|
3-1393100-8 bảng dữ liệu(HTML) 2 Page - TE Connectivity Ltd |
2 / 2 page General Purpose Relays Industrial Relays KCP Series Plug-in Relay (Continued) 08-2011, Rev. 0811 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 Potter & Brumfield Dimensions 3 Form C Terminal assignment 1 Form C 2 Form C Product code structure Typical product code KCP -11 -10000 Type KCP Enclosed, DC current sensitive relay with octal-type plug for socket mounting Contact arrangement 5 1 form C (CO) 11 2 form C (CO) 14 3 form C (CO) Coil Resistance 2500 2,500Ω 5000 5,000Ω 10000 10,000Ω Product Code Arrangement Contact Material Coil Resistance Terminals Part Number KCP-11-10000 2 form C, 2 CO Ag 10,000 8-pin Octal-style plug 3-1393100-8 Note: KCP-14 shown. KCP-5 and KCP-11 have 8-pin bases. |
Số phần tương tự - 3-1393100-8 |
|
Mô tả tương tự - 3-1393100-8 |