công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FC-325-CW9 bảng dữ liệu(PDF) 6 Page - TE Connectivity Ltd

tên linh kiện FC-325-CW9
Giải thích chi tiết về linh kiện  Compact, Hermetically Sealed, Non-Latching Relays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TEC [TE Connectivity Ltd]
Trang chủ  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FC-325-CW9 bảng dữ liệu(HTML) 6 Page - TE Connectivity Ltd

  FC-325-CW9 Datasheet HTML 1Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 2Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 3Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 4Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 5Page - TE Connectivity Ltd FC-325-CW9 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
te.com/fc325
CII, TE, TE Connectivity and the TE connectivity (logo) are trademarks of the TE Connectivity Ltd. family of companies.
Other products, logos, and company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information herein, nothing herein constitutes
any guarantee that such information is error-free, or any other representation, warranty or guarantee that the
information is accurate, correct, reliable or current. The TE entity issuing this publication reserves the right to make
any adjustments to the information contained herein at any time without notice. All implied warranties regarding the
information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a
particular purpose are expressly disclaimed. The dimensions herein are for reference purposes only and are subject to
change without notice. Specifications are subject to change without notice.
Consult TE for the latest dimensions and design specifications.
© 2016 TE Connectivity Ltd. family of companies All Rights Reserved.
1-1773871-3  04/16   Original
AEROSPACE, DEFENSE & MARINE /// FC-325 SERIES RELAYS
LET’S CONNECT
We make it easy to connect with our experts and are ready to
provide all the support you need. Just call your local support number or visit
www.te.com/industrial to chat with a Product Information Specialist.
Technical Support
te.com/support-center
North America
+1 800 522 6752
North America (Toll)
+1 717 986 7777
EMEA/South Africa
+800 0440 5100
EMEA (Toll)
+31 73 624 6999
India (Toll-Free)
+800 440 5100
Asia Pacific
+86 400 820 6015
Japan
044 844 8180
Australia
+61 2 9554 2695
New Zealand
+64 (0) 9 634 4580


Số phần tương tự - FC-325-CW9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
PREMO CORPORATION S.L
FC-325 PREMO-FC-325 Datasheet
137Kb / 1P
   Screened Room Filters
logo
3M Electronics
FC-3255 3M-FC-3255 Datasheet
58Kb / 4P
   Fluorinert™ Liquids For Electronics Manufacturing
12/03
More results

Mô tả tương tự - FC-325-CW9

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Schneider Electric
782XDXH10-24D SCHNEIDER-782XDXH10-24D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VDC
782XDXH21-12D SCHNEIDER-782XDXH21-12D Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 12VDC
782XDXH21-120A SCHNEIDER-782XDXH21-120A Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 120VAC
782XDXH21-24D SCHNEIDER-782XDXH21-24D Datasheet
99Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 4 CO, 24VDC
782XDXH10-240A SCHNEIDER-782XDXH10-240A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 240VAC
782XDXH10-24A SCHNEIDER-782XDXH10-24A Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 24VAC
782XDXH10-110D SCHNEIDER-782XDXH10-110D Datasheet
102Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 3A, 4 CO, 110VDC
782XBXH21-24D SCHNEIDER-782XBXH21-24D Datasheet
105Kb / 4P
   Hermetically sealed plug-in relays, SE Relays, 5A, 2 CO, 24VDC
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com