công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK14C88-K25 bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers

tên linh kiện STK14C88-K25
Giải thích chi tiết về linh kiện  32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

STK14C88-K25 bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button STK14C88-K25 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK14C88-K25 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STK14C88
December 2002
7
Document Control # ML0014 rev 0.0
SOFTWARE STORE/RECALL MODE SELECTION
SOFTWARE-CONTROLLED STORE/RECALL CYCLEv
(VCC = 5.0V ± 10%)e
Note r:
The six consecutive addresses must be in the order listed. W must be high during all six consecutive cycles to enable a nonvolatile cycle.
Note s: While there are 15 addresses on the STK14C88, only the lower 14 are used to control software modes.
Note t:
I/O state assumes G < VIL. Activation of nonvolatile cycles does not depend on state of G.
Note u: The software sequence is clocked with E controlled READs.
Note v: The six consecutive addresses must be in the order listed in the Hardware Mode Selection Table: (0E38, 31C7, 03E0, 3C1F, 303F, 0FC0) for
a STORE cycle or (0E38, 31C7, 03E0, 3C1F, 303F, 0C63) for a RECALL cycle. W must be high during all six consecutive cycles.
SOFTWARE STORE/RECALL CYCLE: E CONTROLLEDv
E
W
A13 - A0 (hex)
MODE
I/O
POWER
NOTES
LH
0E38
31C7
03E0
3C1F
303F
0FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
lCC
2
r, s, t
LH
0E38
31C7
03E0
3C1F
303F
0C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
RECALL
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active
r, s, t
NO.
SYMBOLS
PARAMETER
STK14C88-25
STK14C88-35
STK14C88-45
UNITS NOTES
Standard
Alternate
MIN
MAX
MIN
MAX
MIN
MAX
33
tAVAV
tRC
STORE/RECALL Initiation Cycle Time
25
35
45
ns
n
34
tAVEL
tAS
Address Set-up Time
0
0
0
ns
u
35
tELEH
tCW
Clock Pulse Width
20
25
30
ns
u
36
tELAX
Address Hold Time
20
20
20
ns
u
37
tRECALL
RECALL Duration
20
20
20
µs
DATA VALID
HIGH IMPEDANCE
ADDRESS #6
ADDRESS #1
DATA VALID
33
tAVAV
DATA VALID
DQ (DATA
E
ADDRESS
28
37
tSTORE / tRECALL
33
tAVAV
34
tAVEL
35
tELEH
36
tELAX


Số phần tương tự - STK14C88-K25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
   32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
425Kb / 18P
   32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
1Mb / 18P
   256 Kbit (32K x 8) AutoStore nvSRAM Unlimited Read/Write endurance
More results

Mô tả tương tự - STK14C88-K25

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK14D88 ETC-STK14D88 Datasheet
216Kb / 15P
   32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
STK14C88-3 ETC-STK14C88-3 Datasheet
371Kb / 13P
   32K x 8 AutoStore??nvSRAM QuantumTrap CMOS Nonvolatile StaticRAM
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
   32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK11C88-3 SIMTEK-STK11C88-3 Datasheet
366Kb / 10P
   32K x 8 nvSRAM 3.3V QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK16C88-3 ETC1-STK16C88-3 Datasheet
319Kb / 11P
   32K x 8 AutoStorePlus nvSRAM 3.3V QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com