công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SM130G0 bảng dữ liệu(PDF) 7 Page - NEC

tên linh kiện SM130G0
Giải thích chi tiết về linh kiện  FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

SM130G0 bảng dữ liệu(HTML) 7 Page - NEC

  SM130G0 Datasheet HTML 1Page - NEC SM130G0 Datasheet HTML 2Page - NEC SM130G0 Datasheet HTML 3Page - NEC SM130G0 Datasheet HTML 4Page - NEC SM130G0 Datasheet HTML 5Page - NEC SM130G0 Datasheet HTML 6Page - NEC SM130G0 Datasheet HTML 7Page - NEC SM130G0 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
SM/G SERIES
q
If caulking or welding, be careful to keep the resistance value of the connecting section low.
If the connecting section has a high resistance value, the passing current may generate an abnormally high
temperature that will cause the thermal cutoff to operate (break the circuit).
q
It is recommended that the connecting position at the lead of resign-sealed side should be 5 mm or more from
the body of the thermal cutoff.
5 mm or more
5 mm or more
Position of installation
q
After mounting the thermal cutoff, be careful not to apply force that may pull, push or twist the lead wires.
Recommendation
q
Be careful when mounting the thermal cutoff because external force, heat, or a harmful atmosphere (contain-
ing excessive humidity or sulfurous acid gas) may damage the characteristics of the thermal cutoff. If appli-
cable, it is recommended to warn general consumers who are not aware of the usage cautions for the thermal
cutoff not to mount, remove or replace the thermal cutoff through a note to this effect in the user's manual and
other related material.
If you desire any clarifications or explanations regarding these cautions, please call an NEC sales
representative.
The values contained in this document were obtained under certain testing conditions at NEC. They are not
guaranteed and are for reference only.


Số phần tương tự - SM130G0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
SM130 RECTRON-SM130 Datasheet
25Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere)
logo
Bytes
SM130 BYTES-SM130 Datasheet
148Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SM130 FORMOSA-SM130 Datasheet
66Kb / 2P
   Silicon epitaxial planer type
logo
DAESAN ELECTRONIC CORP.
SM130 DAESAN-SM130 Datasheet
264Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 20 to 60 Volts
logo
UNIOHM CORPORATION
SM130 UNIOHM-SM130 Datasheet
62Kb / 2P
   1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Mô tả tương tự - SM130G0

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NEC
SF139E1 NEC-SF139E1 Datasheet
92Kb / 12P
   ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
logo
DAESAN ELECTRONIC CORP.
MD1S DAESAN-MD1S Datasheet
296Kb / 2P
   CURRENT 0.5 Amperes VOLTAGE 50 to 1000 Volts
logo
Shanghai Yint Electroni...
MB05F YINT-MB05F Datasheet
484Kb / 3P
   VOLTAGE - 50 TO 1000 VOLTS CURRENT - 0.5 AMPERES
logo
Electronic devices inc.
FPIR32 EDI-FPIR32 Datasheet
61Kb / 2P
   FAST RECOVERY, 32, 40 and 50 AMPERES
logo
DAESAN ELECTRONIC CORP.
ER400 DAESAN-ER400 Datasheet
134Kb / 1P
   CURRENT 0.5 Amperes VOLTAGE 20 TO 40 VOLTS
logo
Gaomi Xinghe Electronic...
HER201G GXELECTRONICS-HER201G Datasheet
664Kb / 2P
   CURRENT 2.0 Amperes
logo
List of Unclassifed Man...
LA-75-50 ETC2-LA-75-50 Datasheet
117Kb / 1P
   TYPE LA 5 through 150 Amperes
logo
DAESAN ELECTRONIC CORP.
SBR820 DAESAN-SBR820 Datasheet
252Kb / 2P
   CURRENT 8.0 AMPERES
logo
Chenmko Enterprise Co. ...
1N5400GPT CHENMKO-1N5400GPT Datasheet
80Kb / 2P
   JUNCTION PLASTIC RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 3 Amperes
logo
List of Unclassifed Man...
NL-740 ETC2-NL-740 Datasheet
270Kb / 2P
   THYRATRON TUBES 4 Amperes dc - 50 Amperes Peak
More results


Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com