công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TP12SHV3BE12 bảng dữ liệu(PDF) 6 Page - C&K Components

tên linh kiện TP12SHV3BE12
Giải thích chi tiết về linh kiện  Tiny Pushbutton Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CK-COMPONENTS [C&K Components]
Trang chủ  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

TP12SHV3BE12 bảng dữ liệu(HTML) 6 Page - C&K Components

  TP12SHV3BE12 Datasheet HTML 1Page - C&K Components TP12SHV3BE12 Datasheet HTML 2Page - C&K Components TP12SHV3BE12 Datasheet HTML 3Page - C&K Components TP12SHV3BE12 Datasheet HTML 4Page - C&K Components TP12SHV3BE12 Datasheet HTML 5Page - C&K Components TP12SHV3BE12 Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
A-20
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
TP Series
Tiny Pushbutton Switches
AVAILABLE HARDWARE
.495 ± .505
(12,57 ± 12,83)
.595 ± .605
(15,11 ± 15,37)
.005 R.
(0,13)
MAX. TYP.
.495 ± .505
(12,57 ± 12,83)
.620 ± .625
(15,75 ± 15,88)
.005 R.
(0,13)
MAX. TYP.
PANEL MOUNTING
For part numbers
432502263, 432602263
For part numbers
432702263, 432802263
.250
.120
.310
R.015
.090
.065 ±.005
R.012
MAX.
DRAFT
1.000°
( .301 )
6X 45 ° X .010 CHAMFER
OR .010 R. LEAD IN
TUNNEL GATE AS CLOSE
AS POSSIBLE TO THIS SURFACE.
CAVITY ID
P
TYPICAL APPLICATION
Cap, .100" DIA. Plungers
Panel Inserts
PART NO.
508101000
WHITE
508102000
BLACK
Material: Nylon
Finish: Gloss
Cap, .120" DIA. Plungers
PART NO.
708901000
WHITE
708902000
BLACK
Material: Nylon
Finish: Gloss
Cap, .120" DIA. Plungers
PART NO.
891D01000 WHITE
891D02000 BLACK
Material: Nylon
Finish: Gloss
.047" (1,19) PANEL THK.
PART NO.
432502263
.062" (1,57) PANEL THK.
PART NO.
432602263
.090" (2,29) PANEL THK.
PART NO.
432702263
.125" (3,18) PANEL THK.
PART NO.
432802263
BLACK
PANEL INSERT
WITH HOLE FOR LED
PART NO.
894902000
BLANK PANEL INSERT
WITHOUT HOLE FOR LED
PART NO.
476602000
BLACK
Cap, J81 option only
PART NO.
484601000
WHITE
484602000
BLACK
Material: Nylon
Finish: Gloss
PART NO.
798201000
WHITE
798202263
BLACK
Material: Nylon
Finish: Matte
Cap, .100" DIA. Plungers
(Recommended for S9 plunger)
PART NO.
538701000
WHITE
538702000
BLACK
Material: Nylon
Finish: Gloss
Cap, .100" DIA. Plungers
PART NO.
465801000
WHITE
465802000
BLACK
Material: Nylon
Finish: Gloss
NOTE: Additional nuts, locking rings and lockwashers available separately, see section “Technical Data and Additional Hardware”.
Other cap colors available, consult Customer Service Center.
Frames snap into panel opening and are independent from switch mounting. Accurate positioning of the PC
mounted switch relative to the panel opening is necessary to provide proper clearance between actuator and
frame. Available in two basic styles and four panel thicknesses .047-.125 in. Material: Nylon. Finish: Matte.
Above frames (part nos. 432XXXXXX) are also available with insert which accepts LED for
indicator light assembly. Order insert separately from frame. Blank insert panel (without hole
for LED) also available. LED not included.
Third Angle
Projection


Số phần tương tự - TP12SHV3BE12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
TP11-SH-A-B-E-2-2 CK-COMPONENTS-TP11-SH-A-B-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11-SH-AP-E-2-2 CK-COMPONENTS-TP11-SH-AP-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11-SH-AR-E-2-2 CK-COMPONENTS-TP11-SH-AR-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
TP11-SHAV-B-E-2-2 CK-COMPONENTS-TP11-SHAV-B-E-2-2 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
More results

Mô tả tương tự - TP12SHV3BE12

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
C&K Components
TP CK-COMPONENTS-TP Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
2020
logo
ITT Industries
TP11SHZQE ITT-TP11SHZQE Datasheet
687Kb / 6P
   Tiny Pushbutton Switches
logo
C&K Components
TP CK-COMPONENTS-TP_V01 Datasheet
1Mb / 6P
   Tiny Pushbutton Switches
5 Aug 20
TP11SHABE22 CK-COMPONENTS-TP11SHABE22 Datasheet
518Kb / 6P
   Tiny Pushbutton Switches
5802 CK-COMPONENTS-5802 Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP11SD1ABE CK-COMPONENTS-EP11SD1ABE Datasheet
439Kb / 6P
   Sealed Tiny Pushbutton Switches
EP CK-COMPONENTS-EP Datasheet
990Kb / 6P
   Sealed Tiny Pushbutton Switches
5 Aug 20
logo
ITT Industries
EP11SD1ABE ITT-EP11SD1ABE Datasheet
742Kb / 6P
   Sealed Tiny Pushbutton Switches
logo
C&K Components
465805000 CK-COMPONENTS-465805000 Datasheet
528Kb / 7P
   TP Series Tiny Pushbutton Switches
TP21SHZQE CK-COMPONENTS-TP21SHZQE Datasheet
518Kb / 6P
   TP Series Tiny Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com