công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU24038GW bảng dữ liệu(PDF) 5 Page - Rohm

tên linh kiện BU24038GW
Giải thích chi tiết về linh kiện  u- step System Lens Driver for Digital Still Cameras
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU24038GW bảng dữ liệu(HTML) 5 Page - Rohm

  BU24038GW_13 Datasheet HTML 1Page - Rohm BU24038GW_13 Datasheet HTML 2Page - Rohm BU24038GW_13 Datasheet HTML 3Page - Rohm BU24038GW_13 Datasheet HTML 4Page - Rohm BU24038GW_13 Datasheet HTML 5Page - Rohm BU24038GW_13 Datasheet HTML 6Page - Rohm BU24038GW_13 Datasheet HTML 7Page - Rohm BU24038GW_13 Datasheet HTML 8Page - Rohm BU24038GW_13 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Datasheet
Datasheet
5/22
TSZ02201-0M2M0BC12090-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
18.Apr.2013 Rev.002
www.rohm.com
TSZ22111・15・001
BU24038GW
●Description of Blocks
Stepping Motor Driver (1ch-6ch Driver)
Built-in stepping motor driver of PWM driving type.
Maximum 3 stepping motors can be driven independently.
Built-in voltage feedback circuit of D-class type.
3ch/4ch drivers can also drive independently for DC motor or voice coil motor.
(1) Control
It corresponds to both Clock IN and Autonomous control.
(ⅰ)Clock IN Control
Set the resistors for the stepping motor control.
The stepping motor is rotated and synchronized with the input clock in the STATE pin.
It is possible to select the mode of stepping motor control from μ-step, 1-2 phase excitation, 2 phase excitation and
the number of edge for electrical angle cycle from 4, 8, 32, 64, 128, 256, 512 or 1024.
(ⅱ)Autonomous Control
The stepping motor is rotated by setting the resistors for the stepping motor control.
The state of rotation command (executing:1, finished:0), Cache resistor, and motor position are the output from the
serial output (SOUT pin). Also, the signal (MO output) which is synchronized with the motor rotation is the output from
STATE pin.
It is possible to select the mode of stepping motor control from μ-step (1024 portion), 1-2 phase excitation and
2 phase excitation
Built-in Cache resistors.
Cache resisters enable the setting of subsequent process while the motor is in operation. Through these registers,
operations are done continuously.
SIN wave
Control
Logic
PWM
Control
Logic
SIF
H.B.
H.B.
Host
ON/OFF
Direction
Torque
(Speed・Amount)
STATE
CSB
SCLK
SDATA
3
STM
SIN wave
Control
Logic
PWM
Control
Logic
SIF
STM
Control
Logic
H.B.
H.B.
Host
ON/OFF
Direction
Speed
Torque
Amount
State
STATE
CSB
SCLK
SDATA
3
STM
Position
SOUT
STM
Control
Logic


Số phần tương tự - BU24038GW_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU24038GW ROHM-BU24038GW Datasheet
166Kb / 4P
   Silicon monolithic integrated circuit
More results

Mô tả tương tự - BU24038GW_13

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU24035GW ROHM-BU24035GW Datasheet
485Kb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24033GW ROHM-BU24033GW_16 Datasheet
1Mb / 25P
   u - step System Lens Driver for Digital Still Cameras
BU24032GW ROHM-BU24032GW Datasheet
500Kb / 23P
   u - step System Lens Driver for Digital Still Cameras
BU24036MWV ROHM-BU24036MWV Datasheet
2Mb / 25P
   u--step System Lens Driver for Digital Still Cameras
BU24020GU ROHM-BU24020GU_13 Datasheet
495Kb / 21P
   u - step System Lens Driver for Digital Still Cameras
BU24031GW ROHM-BU24031GW Datasheet
496Kb / 24P
   u-step System Lens Driver for Digital Still Cameras
BD6889GU ROHM-BD6889GU_15 Datasheet
1Mb / 21P
   7-Channel System Lens Driver for Digital Still Cameras
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com