công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BU21170MUV bảng dữ liệu(PDF) 11 Page - Rohm

tên linh kiện BU21170MUV
Giải thích chi tiết về linh kiện  Capacitive Switch Controller IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ROHM [Rohm]
Trang chủ  http://www.rohm.com
Logo ROHM - Rohm

BU21170MUV bảng dữ liệu(HTML) 11 Page - Rohm

Back Button BU21170MUV Datasheet HTML 7Page - Rohm BU21170MUV Datasheet HTML 8Page - Rohm BU21170MUV Datasheet HTML 9Page - Rohm BU21170MUV Datasheet HTML 10Page - Rohm BU21170MUV Datasheet HTML 11Page - Rohm BU21170MUV Datasheet HTML 12Page - Rohm BU21170MUV Datasheet HTML 13Page - Rohm BU21170MUV Datasheet HTML 14Page - Rohm BU21170MUV Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
BU21170MUV
11/29
TSZ02201-0L5L0F300830-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
14.Jul.2016 Rev.002
www.rohm.com
TSZ22111・15・001
0xD0 : Configuration continuous touch】
Name:
CONTTIMES
Address:
0xD0
Description:
CONTSEL:This register is to select the interrupt frequency by detection continuous touch.
1 : Every continuous touch period.
0 : First detect only.
CONT[5:0]:Continuous touch period is about 0.1[sec] x CONT.
If the setting value is 0x0, continuous touch function is disable.
(0.1sec ≤ Continuous touch period ≤ 6.3sec)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xD0
CONTSEL
-
CONT[5:0]
R/W
R/W
-
R/W
R/W
R/W
R/W
R/W
R/W
Initial val.
0
0
0
0
0
0
0
0
0xD1 : Configuration oversampling】
Name:
OSTIMES
Address:
0xD1
Description:
OST[3:0]:This register is the number of times of oversampling for canceling chattering to the ‘ON’ or ‘OFF’
operation. If the continuance of the ‘ON’ or ‘OFF’ operations is lower than this register, the
operations are ignored. If this register value is ‘0’, the number of times of oversampling is ‘1’.
Sampling rate:About 14.8msec.
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xD1
OST[3:0]
-
-
-
-
R/W
R/W
R/W
R/W
R/W
-
-
-
-
Initial val.
0
0
0
0
0
0
0
0
0xDF : Mask interrupt】
Name:
MASK_INTERRUPT
Address:
0xDF
Description:
This register is for mask to the interrupt factor. The masked interrupt factor is not shown on the register
‘Interrupt factor (address 0x10)’, so it does not affect to output port INT.
1 : Masked
0 : Unmasked (default)
MSK_CAL : Mask for Software-calibration finish :
This bit does mask to the interrupt of Software-calibration finish (the bit CAL in the register ‘Interrupt factor’
(address 0x10)).
MSK_ERCAL : Mask for Self-calibration finish :
This bit does mask to the interrupt of Self-calibration finish (the bit ERCAL in the register ‘Interrupt factor’
(address 0x10)).
MSK_PERCAL : Mask for Periodic calibration finish :
This bit does mask to the interrupt of Periodic calibration finish (the bit PERCAL in the register ‘Interrupt
factor’ (address 0x10)).
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xDF
-
-
-
MSK_PERCAL
-
MSK_ERCAL
MSK_CAL
-
R/W
-
-
-
R/W
-
R/W
R/W
-
Initial val.
0
0
0
0
0
0
0
0


Số phần tương tự - BU21170MUV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU2112F ROHM-BU2112F Datasheet
242Kb / 3P
   MonolithicICs
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
BU2114F ROHM-BU2114F Datasheet
115Kb / 8P
   8-bit shift register and latch driver
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results

Mô tả tương tự - BU21170MUV

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com