công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33661D bảng dữ liệu(PDF) 4 Page - Motorola, Inc

tên linh kiện MC33661D
Giải thích chi tiết về linh kiện  LIN Enhanced Physical Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33661D bảng dữ liệu(HTML) 4 Page - Motorola, Inc

  MC33661D Datasheet HTML 1Page - Motorola, Inc MC33661D Datasheet HTML 2Page - Motorola, Inc MC33661D Datasheet HTML 3Page - Motorola, Inc MC33661D Datasheet HTML 4Page - Motorola, Inc MC33661D Datasheet HTML 5Page - Motorola, Inc MC33661D Datasheet HTML 6Page - Motorola, Inc MC33661D Datasheet HTML 7Page - Motorola, Inc MC33661D Datasheet HTML 8Page - Motorola, Inc MC33661D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
33661
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
4
MAXIMUM RATINGS
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Continuous Supply Voltage
Transient Voltage (Load Dump)
VSUP
27
40
V
WAKE DC and Transient Voltage (Through a 33 k
Ω Serial Resistor)
VWAKE
-18 to 40
V
Logic Terminals (RXD, TXD, EN)
VLOG
-0.3 to 5.5
V
LIN
DC Voltage
Transient (Coupled Through 1.0 nF Capacitor)
VBUS
-18 to 40
-150 to 100
V
INH
DC Voltage
DC Current
VINH
IINH
-0.3 to VSUP + 0.3
40
V
mA
ESD Human Body Model (Note 1)
All Terminals
LIN Terminal with Respect to Ground
VESD1
±2000
±5000
V
ESD Machine Model (Note 2)
All Terminals
VESD2
±200
V
THERMAL RATINGS
Operating Temperature
Ambient
Junction
TA
TJ
-40 to 125
-40 to 150
°C
Storage Temperature
TS
-40 to 150
°C
Thermal Resistance Junction to Ambient
RθJA
150
°C/W
Peak Package Reflow Temperature During Solder Mounting (Note 3)
TSOLDER
240
°C
Thermal Shutdown
TSHUT
150 to 200
°C
Thermal Shutdown Hysteresis
THYST
8.0 to 20
°C
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω).
2.
ESD2 testing is performed in accordance with the Machine Model (CZAP = 220 pF, RZAP =0 Ω).
3.
Terminal soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33661D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33661D FREESCALE-MC33661D Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MC33661DR2 FREESCALE-MC33661DR2 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
More results

Mô tả tương tự - MC33661D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
33661 FREESCALE-33661 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
logo
Texas Instruments
SN65HVDA195-Q1 TI1-SN65HVDA195-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   LIN AND MOST ECL PHYSICAL INTERFACE
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com