công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141555P1 bảng dữ liệu(PDF) 6 Page - Motorola, Inc

tên linh kiện MC141555P1
Giải thích chi tiết về linh kiện  USB Hub Controller CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141555P1 bảng dữ liệu(HTML) 6 Page - Motorola, Inc

Back Button MC141555P1 Datasheet HTML 2Page - Motorola, Inc MC141555P1 Datasheet HTML 3Page - Motorola, Inc MC141555P1 Datasheet HTML 4Page - Motorola, Inc MC141555P1 Datasheet HTML 5Page - Motorola, Inc MC141555P1 Datasheet HTML 6Page - Motorola, Inc MC141555P1 Datasheet HTML 7Page - Motorola, Inc MC141555P1 Datasheet HTML 8Page - Motorola, Inc MC141555P1 Datasheet HTML 9Page - Motorola, Inc MC141555P1 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
MC141555
6
MOTOROLA
PIN DESCRIPTION
VDD (Pin 1)
This is the +5V power pin of the chip.
OSC1 (Pin 2), OSC2 (Pin 3)
The OSC1 and OSC2 pins are the connections for the on-
chip oscillator. The crystal frequency is 24MHz . OSC1 may
be driven by an external oscillator if an external crystal circuit
is not used.
VSS (Pin 4)
This is the ground pin of the chip.
PL (Pin 5)
This pin requires to be pulled low to GND.
DP0 (Pin 6)
This is the upstream differential data plus I/O pin of the
Hub.
DM0 (Pin 7)
This is the upstream differential data minus I/O pin of the
Hub.
VDD3CAP (Pin 8)
This pin must connect an external capacitor for the inter-
nal 3.3V regulator which supply transceivers of all USB
ports.
OVR1 (Pin 9)
This is the over-current detection pin of the downstream
port 1. Active low is to indicate overcurrent condition occurs.
In GANG mode, OVR1 is the common detection pin for all
the four downstream ports.
PWRSW1 (Pin 10)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 1.
Active high is to switch on the power. In GANG mode,
PWRSW1 is the common output pin for all the four down-
stream ports.
DP1 (Pin 11)
This is the differential data plus I/O pin of the downstream
port 1.
DM1 (Pin 12)
This is the differential data minus I/O pin of the down-
stream port 1.
OVR2 (Pin 13)
This is the over-current detection pin of the downstream
port 2. Active low is to indicate overcurrent condition occurs.
PWRSW2 (Pin 14)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 2.
Active high is to switch on the power.
DP2 (Pin 15)
This is the differential data plus I/O pin of the downstream
port 2.
DM2 (Pin 16)
This is the differential data minus I/O pin of the down-
stream port 2.
OVR3 (Pin 17)
This is the over-current detection pin of the downstream
port 3. Active low is to indicate overcurrent condition occurs.
PWRSW3 (Pin 18)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 3.
Active high is to switch on the power.
DP3 (Pin 19)
This is the differential data plus I/O pin of the down-
stream port 3.
DM3 (Pin 20)
This is the differential data minus I/O pin of the down-
stream port 3.
OVR4 (Pin 21)
This is the over-current detection pin of the down-
stream port 4. Active low is to indicate overcurrent condi-
tion occurs.
PWRSW4 (Pin 22)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 4.
Active high is to switch on the power.
DP4 (Pin 23)
This is the differential data plus I/O pin of the downstream
port 4.
DM4 (Pin 24)
This is the differential data minus I/O pin of the down-
stream port 4.
OVR5/GANG (Pin 25)
In self-powered mode, this input pin acts as OVR5, which
is overcurrent detection of downstream port 5; active low is
to indicate overcurrent occurs.
In bus-powered mode, this input pin acts as GANG to
determine Power Control Mode; pulling this pin low config-
ures the Hub as Ganged control, and pulling it high as Indi-
vidual control.
PWRSW5 (Pin 26)
In self-powered mode, this output pin is to switch on/off
the external power regulator for downstream port 5; active
high is to switch on the power.
DP5/SEL1 (Pin 27)
In initialization, this pin, along with SEL0 and OVR5,
determines Power Mode and Power Control Mode. (refer
to Table1 for detail) After initialization, if self-powered, this
pin is differential data plus I/O pin of downstream port 5.
DM5/SEL0 (Pin 28)
In initialization, this pin, along with SEL1 and OVR5,
determines Power Mode and Power Control Mode. (refer
to Table1 for detail) After initialization, if self-powered, this
pin is differential data minus I/O pin of downstream port 5;
if bus-powered, pull this pin high.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC141555P1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
MC141556P FREESCALE-MC141556P Datasheet
323Kb / 18P
   USB Hub Controller CMOS
More results

Mô tả tương tự - MC141555P1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com