công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33390D bảng dữ liệu(PDF) 1 Page - Motorola, Inc

tên linh kiện MC33390D
Giải thích chi tiết về linh kiện  Class B Serial Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC33390D bảng dữ liệu(HTML) 1 Page - Motorola, Inc

  MC33390D Datasheet HTML 1Page - Motorola, Inc MC33390D Datasheet HTML 2Page - Motorola, Inc MC33390D Datasheet HTML 3Page - Motorola, Inc MC33390D Datasheet HTML 4Page - Motorola, Inc MC33390D Datasheet HTML 5Page - Motorola, Inc MC33390D Datasheet HTML 6Page - Motorola, Inc MC33390D Datasheet HTML 7Page - Motorola, Inc MC33390D Datasheet HTML 8Page - Motorola, Inc MC33390D Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 2003
33390 Simplified Application Diagram
Document order number: MC33390/D
Rev 4.0, 2/2003
33390
Class B Serial Transceiver
The 33390 is a serial transceiver designed to provide bi-directional half-
duplex communication meeting the automotive SAE Standard J-1850 Class B
Data Communication Network Interface specification. It is designed to
interface directly to on-board vehicle microcontrollers and serves to transmit
and receive data on a single-wire bus at data rates of 10.4 kbps using Variable
Pulse Width Modulation (VPWM). The 33390 operates directly from a vehicle's
12 V battery system and functions in a logic fashion as an I/O interface
between the microcontroller's 5.0 V CMOS logic level swings and the required
0 V to 7.0 V waveshaped signal swings of the bus. The bus output driver is
short circuit current limited.
Features
• Designed for SAE J-1850 Class B Data Rates
• Full Operational Bus Dynamics Over a Supply Voltage of 9.0 to 16 V
• Ambient Operating Temperature of -40
°C to 125°C
• Interfaces Directly to Standard 5.0 V CMOS Microcontroller
• BUS Pin Protected Against Shorts to Battery and Ground
• Thermal Shutdown with Hysteresis
• Voltage Waveshaping of Bus Output Driver
• 40 V Max VBAT Capability
J-1850 SERIAL TRANSCEIVER
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33390D/DR2
-40 to 125°C
8 SOICN
D SUFFIX
PLASTIC PACKAGE
CASE 751
(8-LEAD SOICN)
33390
BUS
VBAT
SLEEP
Tx
Rx
4X/LOOP
GND
LOAD
Primary
Node
MCU
VBAT
Secondary
Nodes
10.6 k
470 pF
47 µH
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33390D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33390D FREESCALE-MC33390D Datasheet
416Kb / 15P
   Class B Serial Transceiver
MC33390DDR2 FREESCALE-MC33390DDR2 Datasheet
416Kb / 15P
   Class B Serial Transceiver
More results

Mô tả tương tự - MC33390D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33390 FREESCALE-33390 Datasheet
416Kb / 15P
   Class B Serial Transceiver
MC33990 FREESCALE-MC33990 Datasheet
455Kb / 16P
   Enhanced Class B Serial Transceiver
MC33990 FREESCALE-MC33990_08 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
33990 FREESCALE-33990_06 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
logo
Source Photonics, Inc.
SFU-43-48H-HP-RDE SOURCE-SFU-43-48H-HP-RDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
SFU-43-48H-HP-TDE SOURCE-SFU-43-48H-HP-TDE Datasheet
423Kb / 13P
   Class B GPON OLT transceiver
logo
Finisar Corporation.
FTGN3025Q1TAS FINISAR-FTGN3025Q1TAS Datasheet
99Kb / 10P
   GPON ONU Class B Pigtailed RoHS Compliant Transceiver
FTGL2025S1TUS FINISAR-FTGL2025S1TUS Datasheet
91Kb / 10P
   GPON OLT Class B Pigtailed RoHS Compliant Transceiver
logo
Ningbo Tianbo Ganglian ...
HJQ-15F-1 TIANBO-HJQ-15F-1 Datasheet
1Mb / 3P
   Class B/F available
logo
ORION FANS
OAB400 ORIONFANS-OAB400 Datasheet
113Kb / 1P
   Centrifugal Fan - Class B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com