công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC141555 bảng dữ liệu(PDF) 7 Page - Motorola, Inc

tên linh kiện MC141555
Giải thích chi tiết về linh kiện  USB Hub Controller CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MOTOROLA [Motorola, Inc]
Trang chủ  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141555 bảng dữ liệu(HTML) 7 Page - Motorola, Inc

Back Button MC141555 Datasheet HTML 3Page - Motorola, Inc MC141555 Datasheet HTML 4Page - Motorola, Inc MC141555 Datasheet HTML 5Page - Motorola, Inc MC141555 Datasheet HTML 6Page - Motorola, Inc MC141555 Datasheet HTML 7Page - Motorola, Inc MC141555 Datasheet HTML 8Page - Motorola, Inc MC141555 Datasheet HTML 9Page - Motorola, Inc MC141555 Datasheet HTML 10Page - Motorola, Inc MC141555 Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MC141555
7
MOTOROLA
SYSTEM DESCRIPTION
MC141555 is booted up from the Power-On Reset which
will initialize all the internal hardware circuitry and reset the
program counter of the internal processor. During Power-On
Reset, MC141555 must be set to the desired configuration
by the input states of the pins, OVR5/GANG, PWRSW5,
DP5/SEL1 and DM5/SEL0. See Table1 Configuration
Selection for detail.
After Power-On, the Hub Repeater will handle the con-
nectivity in per packet basis, and all downstream ports tran-
sition to the powered off state. After all initialization, the Hub
Controller takes over the responsibility for receiving Host’s
commands, Downstream Power Management and to report
status in per port basis while Repeater is detecting the con-
nectivity of each downstream port.
MC141555 accepts the Host Reset request to generate a
per port reset and receives reset signalling from root port to
complete its own reset sequence.
HUB CONFIGURATION
MC141555 can be configured as one of the three operating
modes: Self Power Mode with Individual Control, Bus Power
Mode with Individual Control and Bus Power Mode with
Ganged Control.
(a) Self-powered Mode with Individual Control
(Monitor Application)
During Power-On Reset, pull DP5/SEL1 and DM5/SEL0
low to select this mode. Meanwhile, MC141555 is configured
to be self powered with 5 downstream ports whose power
management is in Individual Control; that is, after Power-On
Reset, DP5/SEL1 acts as DP5, DM5/SEL0 acts as DM 5 and
OVR5/GANG acts as OVR5 .
(b) Bus-powered Mode with Individual Control
During Power-On Reset, pull DP5/SEL1 low, pull OVR5/
GANG and DM5/SEL0 high to select this mode. Meanwhile,
MC141555 is configured to be bus powered with 4 down-
stream ports whose power management is in Individual Con-
trol; that is, after Power-On Reset, DP5/SEL1, DM5/SEL0,
OVR5/GANG and PWRSW5 have no further usage.
(c) Bus-powered Mode with Ganged Control
During Power-On Reset, pull DP5/SEL1 and OVR5/
GANG low and pull DM5/SEL0 high to select this mode.
Meanwhile, MC141555 is configured to be bus-powered with
4 downstream ports whose power management is in
Ganged Control. In this mode, only PWRSW1 and OVR1 are
dedicated to power management for all 4 downstream ports.
All three operating modes with pin input states during
Power-On Reset are summarized in Table 1.
Table 1. Configuration Selection
X: don’t care
DP5/
SEL1
DM5/
SEL0
PWRSW5 OVR5/
GANG
Configuration
0
0
PWRSW5
OVR5 Self Power & Individu-
al Control
0
1
X
1
Bus Power & Individu-
al Control
0
1
X
0
Bus Power & Ganged
Control
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC141555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
MC141556P FREESCALE-MC141556P Datasheet
323Kb / 18P
   USB Hub Controller CMOS
More results

Mô tả tương tự - MC141555

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC141556 FREESCALE-MC141556 Datasheet
323Kb / 18P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com