công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD500-9-400M-TO5 bảng dữ liệu(PDF) 1 Page - Sensortechnics GmbH

tên linh kiện AD500-9-400M-TO5
Giải thích chi tiết về linh kiện  0.500 mm active area
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SENSORTECHNICS [Sensortechnics GmbH]
Trang chủ  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

AD500-9-400M-TO5 bảng dữ liệu(HTML) 1 Page - Sensortechnics GmbH

  AD500-9-400M-TO5 Datasheet HTML 1Page - Sensortechnics GmbH AD500-9-400M-TO5 Datasheet HTML 2Page - Sensortechnics GmbH AD500-9-400M-TO5 Datasheet HTML 3Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
11/6/2013
SCHEMATIC
First Sensor APD Hybrid Series Data Sheet
Part Description AD500-9-400M-TO5
US Order # 05-051-01, # 05-051-02
International Order # 50049001, # 50049002
PIN CIRCLE
ACTIVE AREA: 0.196 mm
(500 µm DIAMETER)
PIN 2
PIN 1
5 PL
Ø 0.46
4.2
±1
2
PIN 4
PIN 3
Ø5.08
V
BACKSIDE VIEW
113°
VIEWING
ANGLE
Ø6.60
Ø8.3
2.2
7.6 MIN
CHIP DIMENSIONS
PIN 5
CASE/ GND
5 PL
CC
Vout+
Vout-
+VBIAS
1.00 SQ
Ø9.2
FEATURES
DESCRIPTION
APPLICATIONS
• ∅
0.500 mm active area
Low noise
High gain
Long term stability
The AD500-9-400M-TO5 is an Avalanche Photodiode Amplifier
Hybrid containing a 0.196 mm
2 active area APD chip integrated
with an internal transimpedance amplifier. Hermetically
packaged in a TO-5 with a borosilicate glass window cap.
Lidar
Analytical instruments
Medical equipment
ABSOLUTE MAXIMUM RATING
SPECTRAL RESPONSE at M = 100
SYMBOL
PARAMETER
MIN
MAX
UNITS
TSTG
Storage Temp
-55
+125
°
C
TOP
Operating Temp
0
+60
°
C
TSOLDERING
Soldering Temp
-
+240
°
C
P
Power Dissipation
-
360
mW
Vcc
Single Supply Voltage
+3.0
+5.5
V
Icc
Supply Current
-
63
mA
ELECTRO-OPTICAL CHARACTERISTICS @ 23°°°° C (VCC = single supply +3.3V, RL = 100W unless otherwise specified)
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ƒ-3dB
Frequency Response
-3dB @ 905 nm
---
400
---
MHz
S
Sensitivity*
λ
= 905 nm; M = 100
---
145
---
mV/µW
Icc
Supply Current
Dark state
---
34
63
mA
* Sensitivity = APD responsivity (0.58 A/W X 100 gain) x TIA gain (2.5K)
Use US order number 05-051-01, or International order number 50049001 for breakdown voltage range of 160-200 Volts.
Use US order number 05-051-02, or International order number 50049002 for breakdown voltage range of 200-240 Volts.
These devices are sensitive to electrostatic discharge. Please use ESD precautions when handling.
Disclaimer: Due to our policy of continued development, specifications are subject to change without notice.
400
500
600
700
800
900
1000
1100
0
10
20
30
40
50
60
70
WAVELENGTH (nm)
PIN 2
C1
C2
+V
PIN 3
BIAS
PIN 1
OUT+
OUT-
PIN 4
CASE/GND
PIN 5
CC (+5V)
V
AD500-9
S
C


Số phần tương tự - AD500-9-400M-TO5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
logo
List of Unclassifed Man...
AD500-9-TO52-S1 ETC2-AD500-9-TO52-S1 Datasheet
901Kb / 4P
   APD with 0.2 mm짼 active area
More results

Mô tả tương tự - AD500-9-400M-TO5

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Sensortechnics GmbH
AD500-8-13G SENSORTECHNICS-AD500-8-13G Datasheet
258Kb / 3P
   0.500 mm active area
AD500-9-8015-TO52 SENSORTECHNICS-AD500-9-8015-TO52 Datasheet
410Kb / 3P
   0.500 mm active area
AD500-13G-TO5 SENSORTECHNICS-AD500-13G-TO5 Datasheet
584Kb / 3P
   횈 0.500 mm active area
AD230-8-2G SENSORTECHNICS-AD230-8-2G Datasheet
584Kb / 3P
   0.230 mm active area
AD230-9-400M-TO5 SENSORTECHNICS-AD230-9-400M-TO5 Datasheet
592Kb / 3P
   0.230 mm active area
logo
List of Unclassifed Man...
PS100-7SM ETC2-PS100-7SM Datasheet
213Kb / 2P
   10.0 mm square active area
logo
OptoDiode Corp
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
   PHOTODIODE 5 mm Circular active area
AXUV100TI OPTODIODE-AXUV100TI Datasheet
238Kb / 2P
   PHOTODIODE 100 mm Square active area
AXUV100AL OPTODIODE-AXUV100AL Datasheet
194Kb / 2P
   PHOTODIODE 100 mm Square active area
AXUV576C OPTODIODE-AXUV576C Datasheet
190Kb / 2P
   ELECTRON DETECTION 576 mm Square active area
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com