công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14468P bảng dữ liệu(PDF) 6 Page - Motorola, Inc |
|
MC14468P bảng dữ liệu(HTML) 6 Page - Motorola, Inc |
6 / 8 page MC14468 6 Motorola Sensor Device Data Figure 6. Timing Diagram Hysteresis (Internal) (Pin 13 ) (Pin 14) Detect Out (Pin 1) Low Battery (Internal) Sample (Internal) Smoke Horn (Pin 10 and 11) LED (Pin 5) Oscillator (Pin 12) Standby Smoke/No Low Battery Smoke/Low Battery No Smoke/ No Low Battery No Smoke/Low Battery 40 ms 10 ms 1.67 s 24 Clock Cycles (0.96 s) 24 Clock Cycles (40S) 24 Clock Cycles 6 Clock Suppressed Chirp Battery Test (Note 3) (Note 3) (Note 1) Cycles (10.0 s) Strobe Out (Pin 14) I/O (Pin 2) Output (Local) I/O (Pin 2) Input (Remote) LED Note: Horn Modulation Not Self–Completing Low = Disable High = Enable (Suppressed LED for Remote Only) NOTES: 1. Horn modulation is self–completing. When going from smoke to no smoke, the alarm condition will terminate only when horn is off. 2. Comparators are strobed on once per clock cycle (1.67 s for no smoke, 40 ms for smoke). 3. Low battery comparator information is latched only during LED pulse. 4. X 100 mV p–p swing. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
Số phần tương tự - MC14468P |
|
Mô tả tương tự - MC14468P |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |